Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IHB60T Datasheet (PDF) - C&D Technologies

IHB60T Datasheet PDF - C&D Technologies
Part # IHB60T
Download  IHB60T Download
File Size   282.07 Kbytes
Page   4 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description 60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER

IHB60T Datasheet (PDF)

Go To PDF Page Download Datasheet
IHB60T Datasheet PDF - C&D Technologies

Part # IHB60T
Download  IHB60T Click to download

File Size   282.07 Kbytes
Page   4 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description 60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER

IHB60T Datasheet (HTML) - C&D Technologies


IHB60T Product details

60 Watt Triple Output Half Brick DC/DC Converter



The IHB60T series triple output standard half brick modules are designed for today’s demanding industrial applications. Available in two wide range inputs, these isolated converters offer many features in the standard models. With a complement of safety agency approvals and low noise operations, the converters respond extremely fast to change in load conditions. Inherent in the design are very well-controlled output volt ages and minimal need for minimum loading on main (V1) output.



18 - 40 & 33 - 75V Input Range

Each Channel Independently Current Limited

High Efficiency: 87% Typical

1500VDCIsolation Between Input and Output

Operation to 100°C Baseplate Temperature

50µS Transient Recovery, 0-90% Load Step

Primary & Secondary Remote On/Off

IHB60T48 Series Approved to UL/CUL 1950, EN60950



 




Similar Part No. - IHB60T

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
IHB60S CANDD-IHB60S Datasheet
267Kb / 4P
60 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
IHB60S2403 CANDD-IHB60S2403 Datasheet
267Kb / 4P
60 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
IHB60S2403C MURATA-PS-IHB60S2403C Datasheet
175Kb / 4P
60 Watt Single Output Half Brick DC/DC Converter
logo
C&D Technologies
IHB60S2405 CANDD-IHB60S2405 Datasheet
267Kb / 4P
60 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
IHB60S2405C MURATA-PS-IHB60S2405C Datasheet
175Kb / 4P
60 Watt Single Output Half Brick DC/DC Converter
More results


Similar Description - IHB60T

ManufacturerPart #DatasheetDescription
logo
Power-One
HBT060ZGHH POWER-ONE-HBT060ZGHH Datasheet
115Kb / 12P
HBT Series . Half-Brick DC/DC Converter 48V Input 60 Watt Triple Output
logo
C&D Technologies
IHB100T CANDD-IHB100T Datasheet
265Kb / 4P
100 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
IHB60S CANDD-IHB60S Datasheet
267Kb / 4P
60 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
VKP100XT CANDD-VKP100XT Datasheet
833Kb / 6P
100 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
VKP60XT CANDD-VKP60XT Datasheet
833Kb / 6P
60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
IHB60S2403C MURATA-PS-IHB60S2403C Datasheet
175Kb / 4P
60 Watt Single Output Half Brick DC/DC Converter
IHB100T480312C MURATA-PS-IHB100T480312C Datasheet
151Kb / 4P
100 Watt Triple Output Half Brick DC/DC Converter
VKP60LT312C MURATA-PS-VKP60LT312C Datasheet
335Kb / 7P
60 Watt Triple Output Half Brick DC/DC Converter
VKP100MT312C MURATA-PS-VKP100MT312C Datasheet
212Kb / 6P
100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
VKP100MT312 MURATA-PS-VKP100MT312 Datasheet
296Kb / 6P
100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
More results




About C&D Technologies


C&D Technologies, Inc. is a company that specializes in the design, manufacture, and marketing of electrical power storage and conversion systems. The company was founded in 1906 and is based in Pennsylvania, USA.

C&D Technologies offers a wide range of products, including batteries, chargers, inverters, and power supplies, which are used in a variety of industries, including telecommunications, energy storage, and transportation. The company's batteries are used in a variety of applications, including backup power systems for critical facilities, renewable energy systems, and uninterruptible power supplies (UPS).

In addition to its products, C&D Technologies also offers a range of services, including installation, commissioning, and maintenance of its power storage and conversion systems. The company is committed to providing high-quality and reliable products and services to its customers and has a strong focus on innovation and sustainability.

C&D Technologies has operations in North America, Europe, and Asia, and serves customers in more than 100 countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com