Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VKP60XT Datasheet (PDF) - C&D Technologies

VKP60XT Datasheet PDF - C&D Technologies
Part # VKP60XT
Download  VKP60XT Download
File Size   833.34 Kbytes
Page   6 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description 60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER

VKP60XT Datasheet (PDF)

Go To PDF Page Download Datasheet
VKP60XT Datasheet PDF - C&D Technologies

Part # VKP60XT
Download  VKP60XT Click to download

File Size   833.34 Kbytes
Page   6 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description 60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER

VKP60XT Datasheet (HTML) - C&D Technologies


VKP60XT Product details

The VKP60LT and VKP60MT Series are members of the VK high density DC/DC converter family. They are multiple output DC/DC converters offered in both a 18-40 and 33-75 input voltage range. Their versatile architecture featuring fully isolated channels enables the system designer to utilize the converter in either a single, dual or triple output scheme without excessive minimum load requirements or cross regulation degradation.

● 18 - 40 & 33 - 75V Input Range
● Each Channel Independently Current Limited
● High Efficiency: 87% Typical
● Excellent Cross Regulation
● 1500VDC Isolation Between Input and Output
● 500 VDC Channel to Channel Isolation
● Fixed Frequency Operation
● Operation to 100°C Baseplate Temperature
● 50µS Transient Recovery, 0-90% Load Step
● Primary & Secondary Remote On/Off
● Adjustable Output Voltage
● External Synchronization
● VKP60xT Series Approved to UL/CUL 1950, EN60950




Similar Part No. - VKP60XT

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
VKP60LT312C MURATA-PS-VKP60LT312C Datasheet
335Kb / 7P
60 Watt Triple Output Half Brick DC/DC Converter
VKP60LT315C MURATA-PS-VKP60LT315C Datasheet
335Kb / 7P
60 Watt Triple Output Half Brick DC/DC Converter
VKP60LT512C MURATA-PS-VKP60LT512C Datasheet
335Kb / 7P
60 Watt Triple Output Half Brick DC/DC Converter
VKP60LT515C MURATA-PS-VKP60LT515C Datasheet
335Kb / 7P
60 Watt Triple Output Half Brick DC/DC Converter
VKP60MT312C MURATA-PS-VKP60MT312C Datasheet
335Kb / 7P
60 Watt Triple Output Half Brick DC/DC Converter
More results


Similar Description - VKP60XT

ManufacturerPart #DatasheetDescription
logo
Power-One
HBT060ZGHH POWER-ONE-HBT060ZGHH Datasheet
115Kb / 12P
HBT Series . Half-Brick DC/DC Converter 48V Input 60 Watt Triple Output
logo
C&D Technologies
IHB100T CANDD-IHB100T Datasheet
265Kb / 4P
100 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
IHB60S CANDD-IHB60S Datasheet
267Kb / 4P
60 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
IHB60T CANDD-IHB60T Datasheet
282Kb / 4P
60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
VKP100XT CANDD-VKP100XT Datasheet
833Kb / 6P
100 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
IHB60S2403C MURATA-PS-IHB60S2403C Datasheet
175Kb / 4P
60 Watt Single Output Half Brick DC/DC Converter
IHB100T480312C MURATA-PS-IHB100T480312C Datasheet
151Kb / 4P
100 Watt Triple Output Half Brick DC/DC Converter
VKP60LT312C MURATA-PS-VKP60LT312C Datasheet
335Kb / 7P
60 Watt Triple Output Half Brick DC/DC Converter
VKP100MT312C MURATA-PS-VKP100MT312C Datasheet
212Kb / 6P
100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
VKP100MT312 MURATA-PS-VKP100MT312 Datasheet
296Kb / 6P
100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
More results




About C&D Technologies


C&D Technologies, Inc. is a company that specializes in the design, manufacture, and marketing of electrical power storage and conversion systems. The company was founded in 1906 and is based in Pennsylvania, USA.

C&D Technologies offers a wide range of products, including batteries, chargers, inverters, and power supplies, which are used in a variety of industries, including telecommunications, energy storage, and transportation. The company's batteries are used in a variety of applications, including backup power systems for critical facilities, renewable energy systems, and uninterruptible power supplies (UPS).

In addition to its products, C&D Technologies also offers a range of services, including installation, commissioning, and maintenance of its power storage and conversion systems. The company is committed to providing high-quality and reliable products and services to its customers and has a strong focus on innovation and sustainability.

C&D Technologies has operations in North America, Europe, and Asia, and serves customers in more than 100 countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com