Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUP2115L Datasheet (PDF) - ON Semiconductor

NUP2115L Datasheet PDF - ON Semiconductor
Part # NUP2115L
Download  NUP2115L Download
File Size   112.98 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual Line FlexRay Bus Protector

NUP2115L Datasheet (PDF)

Go To PDF Page Download Datasheet
NUP2115L Datasheet PDF - ON Semiconductor

Part # NUP2115L
Download  NUP2115L Click to download

File Size   112.98 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual Line FlexRay Bus Protector

NUP2115L Datasheet (HTML) - ON Semiconductor


NUP2115L Product details

ESD Protection Diode
Low Capacitance ESD Protection for High Speed Data

The SZ/NUP2115L has been designed to protect the FlexRay transceiver from ESD and other harmful transient voltage events. This device provides bidirectional protection for each data line with a single compact SOT−23 package, giving the system designer a low cost option for improving system reliability and meeting stringent EMI requirements.

Features
• 200 W Peak Power Dissipation per Line (8/20 μs Waveform)
• Diode Capacitance Matching
• Low Reverse Leakage Current (< 100 nA)
• Low Capacitance High−Speed FlexRay Data Rates
• IEC Compatibility: − IEC 61000−4−2 (ESD): Level 4
                                − IEC 61000−4−4 (EFT): 50 A – 5/50 ns
                                − IEC 61000−4−5 (Lighting) 3.0 A (8/20 s)
• ISO 7637−1, Nonrepetitive EMI Surge Pulse 2, 8.0 A (1/50 s)
• ISO 7637−3, Repetitive Electrical Fast Transient (EFT)
    EMI Surge Pulses, 50 A (5/50 ns)
• Flammability Rating UL 94 V−0
• SZ Prefix for Automotive and Other Applications Requiring Unique
    Site and Control Change Requirements; AEC−Q101 Qualified and PPAP Capable
• These are Pb−Free Devices

Applications
• Automotive Networks
    ♦ FlexRay Bus




Similar Part No. - NUP2115L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP2115LT1G ONSEMI-NUP2115LT1G Datasheet
140Kb / 5P
Dual Line FlexRay Bus Protector
October, 2016 ??Rev. 3
logo
TECH PUBLIC Electronics...
NUP2115LT1G TECHPUBLIC-NUP2115LT1G Datasheet
1Mb / 4P
2-Line bi-directional TVS Diode
logo
ON Semiconductor
NUP2115LT3G ONSEMI-NUP2115LT3G Datasheet
140Kb / 5P
Dual Line FlexRay Bus Protector
October, 2016 ??Rev. 3
NUP2115L ONSEMI-NUP2115L_16 Datasheet
140Kb / 5P
Dual Line FlexRay Bus Protector
October, 2016 ??Rev. 3
More results


Similar Description - NUP2115L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP2105L ONSEMI-NUP2105L Datasheet
57Kb / 8P
Dual Line CAN Bus Protector
September, 2004 ??Rev. 1
NUP2105L ONSEMI-NUP2105L_05 Datasheet
77Kb / 8P
Dual Line CAN Bus Protector
July, 2005 ??Rev. 4
NUP2125 ONSEMI-NUP2125 Datasheet
62Kb / 4P
Dual Line CAN Bus Protector
October, 2015 ??Rev. 0
logo
Shanghai Leiditech Elec...
SDA24CDT3 LEIDITECH-SDA24CDT3 Datasheet
127Kb / 3P
DUAL LINE CAN BUS PROTECTOR
SDA36CDT3 LEIDITECH-SDA36CDT3 Datasheet
127Kb / 3P
DUAL LINE CAN BUS PROTECTOR
logo
ON Semiconductor
NUP2125 ONSEMI-NUP2125_16 Datasheet
61Kb / 4P
Dual Line CAN Bus Protector
September, 2016 ??Rev. 1
NUP2115L ONSEMI-NUP2115L_16 Datasheet
140Kb / 5P
Dual Line FlexRay Bus Protector
October, 2016 ??Rev. 3
logo
SHIKUES Electronics
NUP2105 SKTECHNOLGY-NUP2105 Datasheet
775Kb / 4P
Dual Line CAN Bus Protector
logo
Rectron Semiconductor
RSM24M RECTRON-RSM24M Datasheet
258Kb / 4P
Dual Line CAN Bus Protector
logo
Guangdong Youtai Semico...
NUP2105L UMW-NUP2105L Datasheet
397Kb / 4P
Dual Line CAN Bus Protector
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com