Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA24CDT3 Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

SDA24CDT3 Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # SDA24CDT3
Download  SDA24CDT3 Download
File Size   127.9 Kbytes
Page   3 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description DUAL LINE CAN BUS PROTECTOR

SDA24CDT3 Datasheet (PDF)

Go To PDF Page Download Datasheet
SDA24CDT3 Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SDA24CDT3
Download  SDA24CDT3 Click to download

File Size   127.9 Kbytes
Page   3 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description DUAL LINE CAN BUS PROTECTOR

SDA24CDT3 Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


SDA24CDT3 Product details

Features
● Ultra low leakage: nA level
● Operating voltage: 24V
● Low clamping voltage
● Complies with following standards:
   – IEC 61000-4-2 (ESD) immunity test
      Air discharge: ±25kV
      Contact discharge: ±15kV
   – IEC61000-4-4 (EFT) 40A (5/50ns)
   – IEC61000-4-5 (Lightning) 24A (8/20μs)
● RoHS Compliant

Applications
● USB 2.0 power and data line
● Set-top box and digital TV
● Digital video interface (DVI)
● Notebook Computers
● SIM Ports
● 10/100 Ethernet

Mechanical Characteristics
● Package: SOT-23
● Lead Finish: Lead Free
● UL Flammability Classification Rating 94V-0
● Quantity Per Reel:3,000pcs
● Reel Size:7inch




Similar Part No. - SDA24CDT3

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
SDA24 ZETEX-SDA24 Datasheet
674Kb / 4P
SCHOTTKY DIODE ARRAY
logo
Shanghai Leiditech Elec...
SDA2401P LEIDITECH-SDA2401P Datasheet
636Kb / 3P
UNIDIRECTIONAL TVS DIODE
logo
Solid States Devices, I...
SDA240A SSDI-SDA240A Datasheet
169Kb / 2P
120 AMPS, 35 to 45 VOLTS ISOLATED CENTER TAP COMMON CATHODE RECTIFIER
SDA240B SSDI-SDA240B Datasheet
169Kb / 2P
120 AMPS, 35 to 45 VOLTS ISOLATED CENTER TAP COMMON CATHODE RECTIFIER
logo
Shanghai Leiditech Elec...
SDA2411CBP LEIDITECH-SDA2411CBP Datasheet
437Kb / 3P
BIDIRECTIONAL TVS DIODE
More results


Similar Description - SDA24CDT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP2105L ONSEMI-NUP2105L Datasheet
57Kb / 8P
Dual Line CAN Bus Protector
September, 2004 ??Rev. 1
SZNUP2105LT1G ONSEMI-SZNUP2105LT1G Datasheet
148Kb / 8P
Dual Line CAN Bus Protector
January, 2012 ??Rev. 5
NUP2125 ONSEMI-NUP2125 Datasheet
62Kb / 4P
Dual Line CAN Bus Protector
October, 2015 ??Rev. 0
logo
Shanghai Leiditech Elec...
SDA36CDT3 LEIDITECH-SDA36CDT3 Datasheet
127Kb / 3P
DUAL LINE CAN BUS PROTECTOR
logo
ON Semiconductor
NUP2125 ONSEMI-NUP2125_16 Datasheet
61Kb / 4P
Dual Line CAN Bus Protector
September, 2016 ??Rev. 1
logo
Diodes Incorporated
DUP2105SOQ DIODES-DUP2105SOQ Datasheet
473Kb / 5P
DUAL LINE CAN BUS PROTECTOR
Rev 1
DUP3105SOQ DIODES-DUP3105SOQ Datasheet
486Kb / 5P
DUAL LINE CAN BUS PROTECTOR
Rev 1
logo
SHIKUES Electronics
NUP2105 SKTECHNOLGY-NUP2105 Datasheet
775Kb / 4P
Dual Line CAN Bus Protector
logo
Rectron Semiconductor
RSM24M RECTRON-RSM24M Datasheet
258Kb / 4P
Dual Line CAN Bus Protector
logo
Guangdong Youtai Semico...
NUP2105L UMW-NUP2105L Datasheet
397Kb / 4P
Dual Line CAN Bus Protector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com