Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LESD8D12T5G Datasheet (PDF) - Leshan Radio Company

LESD8D12T5G Datasheet PDF - Leshan Radio Company
Part # LESD8D12T5G
Download  LESD8D12T5G Download
File Size   136.36 Kbytes
Page   4 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description ESD PROTECTION DIODE Cellular phones audio Digital cameras

LESD8D12T5G Datasheet (PDF)

Go To PDF Page Download Datasheet
LESD8D12T5G Datasheet PDF - Leshan Radio Company

Part # LESD8D12T5G
Download  LESD8D12T5G Click to download

File Size   136.36 Kbytes
Page   4 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description ESD PROTECTION DIODE Cellular phones audio Digital cameras

LESD8D12T5G Datasheet (HTML) - Leshan Radio Company


LESD8D12T5G Product details

Discription
The is designed to protect voltage sensitive components from ESD. Excellent clamping capability, low leakage, and fast response time provide best in class protection on designs that are exposed to ESD. Because of its small size, it is suited for use in cellular phones, MP3 players, digital cameras and many other portable applications where board space is at a premium. LESD8D3.3T5G

Features
● Small Body Outline Dimensions:
   0.039″ x 0.024″(1.0 mm x 0.60 mm)
● Low Body Height: 0.020″ (0.50 mm)
● Stand−off Voltage: 3.3 V − 12 V
● Low Leakage
● Response Time is Typically < 1 ns
● ESD Rating of Class 3 (> 16 kV) per Human Body
   Model
● IEC61000−4−2 Level 4 ESD Protection
● These are Pb−Free Devices
● We declare that the material of product
   compliance with RoHS requirements.

Applications
● Cellular phones audio
● MP3 players
● Digital cameras
● Portable applicationss
● mobile telephone




Similar Part No. - LESD8D12T5G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LESD8D12AT5G LRC-LESD8D12AT5G Datasheet
154Kb / 4P
ESD PROTECTION DIODE
LESD8D12CAT5G LRC-LESD8D12CAT5G Datasheet
230Kb / 3P
ESD PROTECTION DIODE
logo
Shanghai Leiditech Elec...
LESD8D12CAT5G LEIDITECH-LESD8D12CAT5G Datasheet
1Mb / 4P
BIDIRECTIONAL TVS DIODE
Rev 3.0 : 04.01.2021
LESD8D12CT5G LEIDITECH-LESD8D12CT5G Datasheet
1Mb / 4P
BIDIRECTIONAL TVS DIODE
Rev 3.0 : 04.01.2021
More results


Similar Description - LESD8D12T5G

ManufacturerPart #DatasheetDescription
logo
Rohm
BH4128FV ROHM-BH4128FV Datasheet
106Kb / 8P
Second Mixer IF for digital cellular phones
logo
Hirose Electric
MQ138T-M-16S-CV HIROSE-MQ138T-M-16S-CV Datasheet
689Kb / 4P
Universal Plug connectors for PDC Type Digital Cellular Phones
logo
List of Unclassifed Man...
BH7823AFVM ETC-BH7823AFVM Datasheet
52Kb / 2P
Audio driver for cellular phones
logo
LSI Computer Systems
BU8776KN LSI-BU8776KN Datasheet
76Kb / 2P
PCM CODEC for Digital cellular phones
logo
Leshan Radio Company
LESD7D3.3T5G LRC-LESD7D3.3T5G_12 Datasheet
271Kb / 4P
Cellular phones audio Digital cameras Portable applicationss
logo
OmniVision Technologies...
OV6211 OMNIVISION-OV6211 Datasheet
1Mb / 2P
Cellular Phones
OV5680 OMNIVISION-OV5680 Datasheet
597Kb / 2P
Cellular and Mobile Phones
logo
Shenzhen Huazhimei Semi...
HM3415 HMSEMI-HM3415 Datasheet
1Mb / 6P
Cellular and Smart Phones
logo
Guangdong Youtai Semico...
ESD05V52D UMW-ESD05V52D Datasheet
800Kb / 3P
Cellular phones
ESD3Z5V0 UMW-ESD3Z5V0 Datasheet
865Kb / 4P
Cellular phones
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com