Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP9435ET1G Datasheet (PDF) - Leshan Radio Company

LP9435ET1G Datasheet PDF - Leshan Radio Company
Part # LP9435ET1G
Download  LP9435ET1G Download
File Size   422.72 Kbytes
Page   4 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description High Power and current handing capability Lead free product is acquired

LP9435ET1G Datasheet (PDF)

Go To PDF Page Download Datasheet
LP9435ET1G Datasheet PDF - Leshan Radio Company

Part # LP9435ET1G
Download  LP9435ET1G Click to download

File Size   422.72 Kbytes
Page   4 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description High Power and current handing capability Lead free product is acquired

LP9435ET1G Datasheet (HTML) - Leshan Radio Company


LP9435ET1G Product details

GENERAL FEATURES
● VDS = -30V,ID = -5.3A
   RDS(ON) < 85mΩ @ VGS=-4.5V
   RDS(ON) < 53mΩ @ VGS=-10V
● High Power and current handing capability
● Lead free product is acquired
● Surface Mount Package




Similar Part No. - LP9435ET1G

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
LP9435ET1G VBSEMI-LP9435ET1G Datasheet
959Kb / 8P
P-Channel 30-V (D-S) MOSFET
More results


Similar Description - LP9435ET1G

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF2816E SILIKRON-SSF2816E Datasheet
331Kb / 5P
High Power and current handing capability
SSF8421 SILIKRON-SSF8421 Datasheet
325Kb / 4P
High Power and current handing capability
SSF1341 SILIKRON-SSF1341 Datasheet
375Kb / 7P
High Power and current handing capability
SSF2485 SILIKRON-SSF2485 Datasheet
352Kb / 5P
High Power and current handing capability
SSF2814E SILIKRON-SSF2814E Datasheet
292Kb / 5P
High Power and current handing capability
SSF3314E SILIKRON-SSF3314E Datasheet
212Kb / 5P
High Power and current handing capability
logo
GOOD-ARK Electronics
GDSSF2418EBK GOOD-ARK-GDSSF2418EBK Datasheet
483Kb / 4P
High Power and current handing capability
logo
First Silicon Co., Ltd
FTK3341 FS-FTK3341 Datasheet
398Kb / 6P
High Power and current handing capability
logo
Shenzhen Huazhimei Semi...
HM100P03K HMSEMI-HM100P03K Datasheet
647Kb / 6P
High power and current handing capability, Lead free product is acquired
HM100P03 HMSEMI-HM100P03 Datasheet
883Kb / 6P
High power and current handing capability, Lead free product is acquired
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com