Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSF2816E Datasheet (PDF) - Silikron Semiconductor Co.,LTD.

SSF2816E Datasheet PDF - Silikron Semiconductor Co.,LTD.
Part # SSF2816E
Download  SSF2816E Download
File Size   331.97 Kbytes
Page   5 Pages
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.
Description High Power and current handing capability

SSF2816E Datasheet (PDF)

Go To PDF Page Download Datasheet
SSF2816E Datasheet PDF - Silikron Semiconductor Co.,LTD.

Part # SSF2816E
Download  SSF2816E Click to download

File Size   331.97 Kbytes
Page   5 Pages
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.
Description High Power and current handing capability

SSF2816E Datasheet (HTML) - Silikron Semiconductor Co.,LTD.


SSF2816E Product details

DESCRIPTION
The SSF2816E uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 2.5V.

GENERAL FEATURES
● VDS = 20V,ID = 7A
    RDS(ON) < 30mΩ @ VGS=2.5V
    RDS(ON) < 26mΩ @ VGS=3.1V
    RDS(ON) < 23mΩ @ VGS=4V
    RDS(ON) < 22mΩ @ VGS=4.5V

    ESD Rating: 2500V HBM
● High Power and current handing capability
● Lead free product is acquired
● Surface Mount Package

Application
● Battery protection
● Load switch
● Power management




Similar Part No. - SSF2816E

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF2816E GOOD-ARK-SSF2816E Datasheet
576Kb / 6P
20V Dual N-Channel MOSFET
logo
Silikron Semiconductor ...
SSF2816EB SILIKRON-SSF2816EB Datasheet
304Kb / 5P
High Power and current handling capability
logo
GOOD-ARK Electronics
SSF2816EB GOOD-ARK-SSF2816EB Datasheet
483Kb / 4P
20V Dual N-Channel MOSFET
SSF2816EBK GOOD-ARK-SSF2816EBK Datasheet
463Kb / 4P
20V Dual N-Channel MOSFET
SSF2816EBK GOOD-ARK-SSF2816EBK_15 Datasheet
463Kb / 4P
20V Dual N-Channel MOSFET
More results


Similar Description - SSF2816E

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF8421 SILIKRON-SSF8421 Datasheet
325Kb / 4P
High Power and current handing capability
SSF32E0E SILIKRON-SSF32E0E Datasheet
237Kb / 5P
High Power and current handing capability
SSF1341 SILIKRON-SSF1341 Datasheet
375Kb / 7P
High Power and current handing capability
SSF2485 SILIKRON-SSF2485 Datasheet
352Kb / 5P
High Power and current handing capability
SSF2814E SILIKRON-SSF2814E Datasheet
292Kb / 5P
High Power and current handing capability
SSF3314E SILIKRON-SSF3314E Datasheet
212Kb / 5P
High Power and current handing capability
SSF3365 SILIKRON-SSF3365 Datasheet
233Kb / 5P
High Power and current handing capability
SSF3416 SILIKRON-SSF3416 Datasheet
435Kb / 7P
High Power and current handing capability
logo
GOOD-ARK Electronics
GDSSF2418EBK GOOD-ARK-GDSSF2418EBK Datasheet
483Kb / 4P
High Power and current handing capability
logo
First Silicon Co., Ltd
FTK3341 FS-FTK3341 Datasheet
398Kb / 6P
High Power and current handing capability
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com