Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSF2816EB Datasheet (PDF) - GOOD-ARK Electronics

SSF2816EB Datasheet PDF - GOOD-ARK Electronics
Part # SSF2816EB
Download  SSF2816EB Download
File Size   483.6 Kbytes
Page   4 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description 20V Dual N-Channel MOSFET

SSF2816EB Datasheet (PDF)

Go To PDF Page Download Datasheet
SSF2816EB Datasheet PDF - GOOD-ARK Electronics

Part # SSF2816EB
Download  SSF2816EB Click to download

File Size   483.6 Kbytes
Page   4 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description 20V Dual N-Channel MOSFET

SSF2816EB Datasheet (HTML) - GOOD-ARK Electronics


SSF2816EB Product details

DESCRIPTION
The SSF2816EB uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 0.75V.

GENERAL FEATURES
● VDS = 20V,ID = 7A
    RDS(ON) < 30mΩ @ VGS=2.5V
    RDS(ON) < 26mΩ @ VGS=3.1V
    RDS(ON) < 23mΩ @ VGS=4V
    RDS(ON) < 22mΩ @ VGS=4.5V

    ESD Rating:2500V HBM
● High Power and current handling capability
● Lead free product
● Surface Mount Package

APPLICATIONS
● Battery protection
● Load switch
● Power management




Similar Part No. - SSF2816EB

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF2816EB SILIKRON-SSF2816EB Datasheet
304Kb / 5P
High Power and current handling capability
logo
GOOD-ARK Electronics
SSF2816EBK GOOD-ARK-SSF2816EBK Datasheet
463Kb / 4P
20V Dual N-Channel MOSFET
SSF2816EBK GOOD-ARK-SSF2816EBK_15 Datasheet
463Kb / 4P
20V Dual N-Channel MOSFET
SSF2816EB GOOD-ARK-SSF2816EB_15 Datasheet
483Kb / 4P
20V Dual N-Channel MOSFET
More results


Similar Description - SSF2816EB

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM9926D TSC-TSM9926D_08 Datasheet
390Kb / 6P
20V Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO6804A AOSMD-AO6804A Datasheet
204Kb / 5P
20V Dual N-Channel MOSFET
AON3806 AOSMD-AON3806_12 Datasheet
237Kb / 5P
20V Dual N-Channel MOSFET
AON7820 AOSMD-AON7820 Datasheet
297Kb / 6P
20V Dual N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2122E GOOD-ARK-SSF2122E_15 Datasheet
1Mb / 8P
20V Dual N-Channel MOSFET
SSF2112H2 GOOD-ARK-SSF2112H2_15 Datasheet
811Kb / 7P
20V Dual N-Channel MOSFET
SSF2814E GOOD-ARK-SSF2814E_15 Datasheet
471Kb / 4P
20V Dual N-Channel MOSFET
SSF2316E GOOD-ARK-SSF2316E_15 Datasheet
321Kb / 4P
20V Dual N-Channel MOSFET
SSF9926 GOOD-ARK-SSF9926 Datasheet
442Kb / 4P
20V Dual N-Channel MOSFET
SSF2418E GOOD-ARK-SSF2418E Datasheet
553Kb / 6P
20V Dual N-Channel MOSFET
More results




About GOOD-ARK Electronics


GOOD-ARK Electronics is a multinational company based in Taiwan that specializes in the design, development, and production of diodes, rectifiers, and transient voltage suppressors (TVS) for various applications. The company was founded in 1990 and has since expanded globally, with subsidiaries and sales offices in Asia, Europe, and the Americas.

GOOD-ARK Electronics' product portfolio includes a wide range of diodes, including standard, high-voltage, high-current, and ultrafast types, as well as TVS devices for ESD and surge protection. The company's products are used in various industries, such as automotive, consumer electronics, telecommunications, and industrial automation.

GOOD-ARK Electronics is committed to quality, reliability, and innovation, and it has obtained numerous certifications, such as ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and stringent quality control processes ensure that its products meet the highest standards of performance and reliability.

GOOD-ARK Electronics is recognized as one of the leading diode manufacturers in the world, with a strong reputation for providing high-quality and cost-effective solutions to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com