Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSF2816EB Datasheet (PDF) - Silikron Semiconductor Co.,LTD.

SSF2816EB Datasheet PDF - Silikron Semiconductor Co.,LTD.
Part # SSF2816EB
Download  SSF2816EB Download
File Size   304.48 Kbytes
Page   5 Pages
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.
Description High Power and current handling capability

SSF2816EB Datasheet (PDF)

Go To PDF Page Download Datasheet
SSF2816EB Datasheet PDF - Silikron Semiconductor Co.,LTD.

Part # SSF2816EB
Download  SSF2816EB Click to download

File Size   304.48 Kbytes
Page   5 Pages
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.
Description High Power and current handling capability

SSF2816EB Datasheet (HTML) - Silikron Semiconductor Co.,LTD.


SSF2816EB Product details

DESCRIPTION
The SSF2816EB uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 0.75V.

GENERAL FEATURES
● VDS = 20V,ID = 7A
    RDS(ON) < 30mΩ @ VGS=2.5V
    RDS(ON) < 26mΩ @ VGS=3.1V
    RDS(ON) < 23mΩ @ VGS=4V
    RDS(ON) < 22mΩ @ VGS=4.5V

    ESD Rating: 2500V HBM
● High Power and current handling capability
● Lead free product is acquired
● Surface Mount Package

Application
● Battery protection
● Load switch
● Power management




Similar Part No. - SSF2816EB

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF2816EB GOOD-ARK-SSF2816EB Datasheet
483Kb / 4P
20V Dual N-Channel MOSFET
SSF2816EBK GOOD-ARK-SSF2816EBK Datasheet
463Kb / 4P
20V Dual N-Channel MOSFET
SSF2816EBK GOOD-ARK-SSF2816EBK_15 Datasheet
463Kb / 4P
20V Dual N-Channel MOSFET
SSF2816EB GOOD-ARK-SSF2816EB_15 Datasheet
483Kb / 4P
20V Dual N-Channel MOSFET
More results


Similar Description - SSF2816EB

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF2418EB SILIKRON-SSF2418EB Datasheet
300Kb / 5P
High Power and current handling capability
SSF3617 SILIKRON-SSF3617 Datasheet
334Kb / 5P
High Power and current handling capability
logo
Pasternack Enterprises,...
PE20S0006 PASTERNACK-PE20S0006 Datasheet
672Kb / 8P
High Power Handling Capability
PE20S0007 PASTERNACK-PE20S0007 Datasheet
480Kb / 6P
High Power Handling Capability
PE20S0008 PASTERNACK-PE20S0008 Datasheet
775Kb / 9P
High Power Handling Capability
PE20S0014 PASTERNACK-PE20S0014 Datasheet
602Kb / 8P
High Power Handling Capability
logo
GOOD-ARK Electronics
GDSSF2418EB GOOD-ARK-GDSSF2418EB Datasheet
507Kb / 4P
High Power and current handling capability
GDSSF2816EB GOOD-ARK-GDSSF2816EB Datasheet
444Kb / 4P
High Power and current handling capability
GDSSF6401 GOOD-ARK-GDSSF6401 Datasheet
953Kb / 6P
High Power and current handling capability
logo
Taiwan Semiconductor Co...
TSM10NB60 TSC-TSM10NB60 Datasheet
667Kb / 7P
High power and current handling capability
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com