Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC990 Datasheet (PDF) - Motorola, Inc

MPC990 Datasheet PDF - Motorola, Inc
Part # MPC990
Download  MPC990 Download
File Size   146.36 Kbytes
Page   9 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LOW VOLTAGE PLL CLOCK DRIVER

MPC990 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC990 Datasheet PDF - Motorola, Inc

Part # MPC990
Download  MPC990 Click to download

File Size   146.36 Kbytes
Page   9 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LOW VOLTAGE PLL CLOCK DRIVER

MPC990 Datasheet (HTML) - Motorola, Inc


MPC990 Product details

Low Voltage Pll Clock Driver

The MPC990/991 is a 3.3V compatible, PLL based ECL/PECL clock driver. The fully differential design ensures optimum skew and PLL jitter performance. The performance of the MPC990/991 makes the device ideal for Workstation, Mainframe Computer and Telecommunication applications. The MPC990 and MPC991 devices are identical except in the interface to the reference clock for the PLL. The MPC990 offers an on–board crystal oscillator as the PLL reference while the MPC991 offers a differential ECL/PECL input for applications which need to lock to an existing clock signal. Both designs offer a secondary single–ended ECL clock for system test capabilities.

• Fully Integrated PLL
• Output Frequency Up to 400MHz
• ECL/PECL Inputs and Outputs
• Operates from a 3.3V Supply
• Output Frequency Configurable
• TQFP Packaging
• ±50ps Cycle–to–Cycle Jitter




Similar Part No. - MPC990

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC992 MOTOROLA-MPC992 Datasheet
109Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
MPC993 MOTOROLA-MPC993 Datasheet
97Kb / 6P
Dynamic Switch PLL Clock Driver
MPC9992 MOTOROLA-MPC9992 Datasheet
143Kb / 12P
3.3 DIFFRERENTIAL ECL/PECL PLL CLOCK GENERATOR
MPC9993 MOTOROLA-MPC9993 Datasheet
102Kb / 8P
INTELLIGENT DYNAMIC CLOCK SWITCH (IDCS)PLL CLOCK DRIVER
logo
Integrated Device Techn...
MPC9993 IDT-MPC9993 Datasheet
335Kb / 11P
Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
More results


Similar Description - MPC990

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC930 MOTOROLA-MPC930 Datasheet
162Kb / 14P
LOW VOLTAGE PLL CLOCK DRIVER
MPC932 MOTOROLA-MPC932 Datasheet
114Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
MPC974 MOTOROLA-MPC974 Datasheet
143Kb / 9P
LOW VOLTAGE PLL CLOCK DRIVER
MPC992 MOTOROLA-MPC992 Datasheet
109Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Pericom Semiconductor C...
PI6C2972 PERICOM-PI6C2972 Datasheet
184Kb / 7P
Low Voltage PLL Clock Driver
logo
Motorola, Inc
MPC958 MOTOROLA-MPC958 Datasheet
253Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Integrated Device Techn...
IDT5V9351 IDT-IDT5V9351 Datasheet
85Kb / 10P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Agere Systems
LCK4310 AGERE-LCK4310 Datasheet
126Kb / 10P
Low-Voltage PLL Clock Driver
April 20, 2004
logo
Pericom Semiconductor C...
PI6C2952 PERICOM-PI6C2952 Datasheet
72Kb / 6P
Low Voltage PLL Clock Driver
logo
Renesas Technology Corp
MPC9350 RENESAS-MPC9350 Datasheet
478Kb / 13P
Low Voltage PLL Clock Driver
2019
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com