Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB850 Datasheet (PDF) - Leshan Radio Company

SB850 Datasheet PDF - Leshan Radio Company
Part # SB850
Download  SB850 Download
File Size   208.73 Kbytes
Page   7 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Schottky Barrier Rectifiers Reverse Voltage 20 to 100V

SB850 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB850 Datasheet PDF - Leshan Radio Company

Part # SB850
Download  SB850 Click to download

File Size   208.73 Kbytes
Page   7 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Schottky Barrier Rectifiers Reverse Voltage 20 to 100V

SB850 Datasheet (HTML) - Leshan Radio Company


SB850 Product details

Reverse Voltage 20 to 100V

Feature & Dimensions
* Plastic package has underwriters laboratory
   Flammability classification 94V-0
* Low power loss,high efficiency
* For use in low voltage high frequency inverters,
   free wheeling,and polarity protection applications
* Guarding for over voltage protection
* High temperature soldering guaranteed:
   260°C/10 seconds at terminals




Similar Part No. - SB850

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB850 PANJIT-SB850 Datasheet
37Kb / 2P
SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 8 Ampere)
logo
Transys Electronics
SB850 TRSYS-SB850 Datasheet
146Kb / 2P
8 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB850 WTE-SB850 Datasheet
37Kb / 3P
8.0A SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SB850 SSE-SB850 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SB850 WTE-SB850 Datasheet
50Kb / 4P
8.0A SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SB850

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HSR120 HSMC-HSR120 Datasheet
112Kb / 3P
Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 1A)
HSR520 HSMC-HSR520 Datasheet
53Kb / 2P
Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 5A)
logo
Leshan Radio Company
SB120 LRC-SB120_11 Datasheet
375Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 1.0A
SB120-E LRC-SB120-E Datasheet
181Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 1.0A
SB202 LRC-SB202 Datasheet
183Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current2.0A
SB202-E LRC-SB202-E Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current2.0A
SB302-E LRC-SB302-E Datasheet
207Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current3.0A
SB320-E LRC-SB320-E Datasheet
210Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A
SB820-E LRC-SB820-E Datasheet
208Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V
SB820-HE LRC-SB820-HE Datasheet
110Kb / 5P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current8.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com