Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM540A Datasheet (PDF) - Leshan Radio Company

SM540A Datasheet PDF - Leshan Radio Company
Part # SM540A
Download  SM540A Download
File Size   166.62 Kbytes
Page   9 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A

SM540A Datasheet (PDF)

Go To PDF Page Download Datasheet
SM540A Datasheet PDF - Leshan Radio Company

Part # SM540A
Download  SM540A Click to download

File Size   166.62 Kbytes
Page   9 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A

SM540A Datasheet (HTML) - Leshan Radio Company


SM540A Product details

Reverse Voltage 20 to100V Forward Current 5.0A



FEATURES

* Plastic package has Underwriters Laboratory

   Flammability Classification 94V-0

* Low power loss,high efficiency

* For use in low voltage high frequency inverters, free wheeling,and polarity protection applications

* Guardring for over voltage protection

* High temperature soldering guaranteed: 260°C/10 seconds at terminals



 




Similar Part No. - SM540A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM540A SECOS-SM540A Datasheet
236Kb / 2P
5.0Amp Schottky Barrier Rectifiers
SM540A SECOS-SM540A Datasheet
201Kb / 2P
Voltage 40V 4.0 Amp Schottky Barrier Rectifiers
logo
AiT Semiconductor Inc.
SM540A AITSEMI-SM540A Datasheet
486Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 5.0A
REV1.0
logo
Leshan Radio Company
SM540A-E LRC-SM540A-E Datasheet
300Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
logo
SeCoS Halbleitertechnol...
SM540AF SECOS-SM540AF Datasheet
242Kb / 2P
20V ~200V 5.0 Amp Surface Mount Schottky Barrier Rectifiers
More results


Similar Description - SM540A

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SM120A LRC-SM120A Datasheet
174Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 1.0A
SM220A-E LRC-SM220A-E Datasheet
186Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
SM220B LRC-SM220B Datasheet
188Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
SM320B LRC-SM320B Datasheet
84Kb / 4P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
SM520A-E LRC-SM520A-E Datasheet
300Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520B LRC-SM520B Datasheet
172Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520C LRC-SM520C Datasheet
193Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520BF LRC-SM520BF Datasheet
302Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520BF-E LRC-SM520BF-E Datasheet
243Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
logo
First Silicon Co., Ltd
SM520AF FS-SM520AF Datasheet
159Kb / 3P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com