Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM540A Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SM540A Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SM540A
Download  SM540A Download
File Size   201.24 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 40V 4.0 Amp Schottky Barrier Rectifiers

SM540A Datasheet (PDF)

Go To PDF Page Download Datasheet
SM540A Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SM540A
Download  SM540A Click to download

File Size   201.24 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 40V 4.0 Amp Schottky Barrier Rectifiers

SM540A Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SM540A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM540A SECOS-SM540A Datasheet
236Kb / 2P
5.0Amp Schottky Barrier Rectifiers
logo
Leshan Radio Company
SM540A LRC-SM540A Datasheet
166Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
logo
AiT Semiconductor Inc.
SM540A AITSEMI-SM540A Datasheet
486Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 5.0A
REV1.0
logo
Leshan Radio Company
SM540A-E LRC-SM540A-E Datasheet
300Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
logo
SeCoS Halbleitertechnol...
SM540AF SECOS-SM540AF Datasheet
242Kb / 2P
20V ~200V 5.0 Amp Surface Mount Schottky Barrier Rectifiers
More results


Similar Description - SM540A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBR1040 SECOS-SBR1040 Datasheet
368Kb / 2P
VOLTAGE 40V 10.0AMP Schottky Barrier Rectifiers
SBR1040F SECOS-SBR1040F Datasheet
371Kb / 2P
VOLTAGE 40V 10.0AMP Schottky Barrier Rectifiers
SBR2040 SECOS-SBR2040 Datasheet
371Kb / 2P
VOLTAGE 40V 20.0AMP Schottky Barrier Rectifiers
SBR3040R SECOS-SBR3040R Datasheet
439Kb / 2P
VOLTAGE 40V 30.0AMP Schottky Barrier Rectifiers
SCS120PR SECOS-SCS120PR Datasheet
198Kb / 2P
VOLTAGE 20V ~ 40V 1.0 AMP Schottky Barrier Rectifiers
SCS501V-40 SECOS-SCS501V-40_11 Datasheet
114Kb / 2P
Voltage 40V 0.1 Amp Schottky Barrier Rectifiers
SM340FL SECOS-SM340FL Datasheet
160Kb / 2P
Voltage 40V 3.0 Amp Schottky Barrier Rectifiers
SMP340 SECOS-SMP340 Datasheet
703Kb / 2P
Voltage 40V ~ 100V 3.0 Amp Surface Mount Schottky Barrier Rectifiers
SP1040 SECOS-SP1040_11 Datasheet
260Kb / 2P
Voltage 40V 10.0 Amp Schottky Barrier Rectifiers
SM140HT SECOS-SM140HT Datasheet
433Kb / 3P
Voltage 40V ~150V 1.0 Amp Surface Mount Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com