Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C04-R Datasheet (PDF) - STMicroelectronics

M24C04-R Datasheet PDF - STMicroelectronics
Part # M24C04-R
Download  M24C04-R Download
File Size   453.02 Kbytes
Page   38 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Enhanced ESD/latch-up protection, More than 40-year data retention

M24C04-R Datasheet (PDF)

Go To PDF Page Download Datasheet
M24C04-R Datasheet PDF - STMicroelectronics

Part # M24C04-R
Download  M24C04-R Click to download

File Size   453.02 Kbytes
Page   38 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Enhanced ESD/latch-up protection, More than 40-year data retention

M24C04-R Datasheet (HTML) - STMicroelectronics


M24C04-R Product details

Features
• Compatible with all I2C bus modes:
   – 400 kHz
   – 100 kHz
• Memory array:
   – 1 Kbit (128 bytes) of EEPROM
   – 2 Kbit (256 bytes) of EEPROM
   – Page size: 16 bytes
• Single supply voltage:
   – M24C01/02-W: 2.5 V to 5.5 V
   – M24C01/02-R: 1.8 V to 5.5 V
   – M24C02-F: 1.7 V to 5.5 V (full temperature range) and 1.6 V to 1.7 V (limited temperature range)
• Write:
   – Byte Write within 5 ms
   – Page Write within 5 ms
• Operating temperature range: from -40 °C up to +85 °C
• Random and sequential Read modes
• Write protect of the whole memory array
• Enhanced ESD/Latch-Up protection
• More than 4 million Write cycles
• More than 200-year data retention
• Packages:
   – RoHS compliant and halogen-free(ECOPACK®)




Similar Part No. - M24C04-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C04-R STMICROELECTRONICS-M24C04-R Datasheet
510Kb / 39P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
29-Apr-2010
M24C04-R STMICROELECTRONICS-M24C04-R Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
15-Apr-2011
M24C04-R STMICROELECTRONICS-M24C04-R Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
M24C04-R STMICROELECTRONICS-M24C04-R Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
M24C04-R STMICROELECTRONICS-M24C04-R Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
More results


Similar Description - M24C04-R

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSDA6V1W5 PANJIT-PJSDA6V1W5 Datasheet
65Kb / 3P
QUAD TVS/ZENER FOR ESD AND LATCH-UP PROTECTION
PJSDA5V2W5 PANJIT-PJSDA5V2W5 Datasheet
148Kb / 4P
QUAD TVS/ESD ARRAYS FOR ESD AND LATCH-UP PROTECTION
logo
Unisonic Technologies
USMS05 UTC-USMS05 Datasheet
124Kb / 4P
TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
Shanghai Leiditech Elec...
SMS3.3C LEIDITECH-SMS3.3C Datasheet
162Kb / 3P
TVS/ESD DIODE ARRAY AND LATCH-UP PROTECTION
logo
STMicroelectronics
M34E04 STMICROELECTRONICS-M34E04 Datasheet
559Kb / 32P
Enhanced ESD/latch-up protection
12-Nov-2014
logo
Applied Power Microelec...
SLVU2.8 APMICRO-SLVU2.8 Datasheet
535Kb / 4P
2.8V TVS Array For ESD and Latch-Up Protection
logo
Shanghai Leiditech Elec...
ESD0503B LEIDITECH-ESD0503B Datasheet
730Kb / 4P
TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
FutureWafer Tech Co.,Lt...
FDA036AST FUTUREWAFER-FDA036AST Datasheet
1Mb / 7P
Latch Up High Current ESD Protection Device
FSD3328D FUTUREWAFER-FSD3328D Datasheet
1Mb / 6P
Latch Up ESD Protection Device
logo
TECH PUBLIC Electronics...
SLVU2.8-4 TECHPUBLIC-SLVU2.8-4 Datasheet
6Mb / 4P
TVS Array For ESD and Latch Up Protection
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com