Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K2200GRP Datasheet (PDF) - Littelfuse

K2200GRP Datasheet PDF - Littelfuse
Part # K2200GRP
Download  K2200GRP Download
File Size   1501.0 Kbytes
Page   12 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Standard Bidirectional SIDACs

K2200GRP Datasheet (PDF)

Go To PDF Page Download Datasheet
K2200GRP Datasheet PDF - Littelfuse

Part # K2200GRP
Download  K2200GRP Click to download

File Size   1501.0 Kbytes
Page   12 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Standard Bidirectional SIDACs

K2200GRP Datasheet (HTML) - Littelfuse


K2200GRP Product details

Description
The SIDAC is a silicon bilateral voltage triggered switch. Upon application of a voltage exceeding the SIDAC breakover voltage point, the SIDAC switches on through a negative resistance region to a low on-state voltage. Conduction continues until the current is interrupted or drops below the minimum holding current of the device. SIDACs feature glass-passivated junctions to ensure a rugged and dependable device capable of withstanding harsh environments.

Features
• AC Circuit Oriented
• Triggering Voltage of 79V to 330V
• RoHS Compliant

Applications
Suitable for high voltage power supplies, natural gas igniters, high-pressure Sodium lamps, and Xenon flash ignition.




Similar Part No. - K2200GRP

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
K2200G TECCOR-K2200G Datasheet
269Kb / 6P
silicon bilateral voltage triggered switch
K2200G TECCOR-K2200G Datasheet
2Mb / 224P
Thyristor Product Catalog
logo
Littelfuse
K2200G LITTELFUSE-K2200G Datasheet
181Kb / 7P
High-voltage lamp ignitors
logo
Galaxy Semi-Conductor H...
K2200G BILIN-K2200G Datasheet
322Kb / 5P
SIDAC
logo
UN Semiconducctor INC
K2200G UNSEMI-K2200G Datasheet
3Mb / 5P
Sidac
Revision March 1,2022
More results


Similar Description - K2200GRP

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
G105 EIC-G105 Datasheet
26Kb / 1P
SIDACs
G105C EIC-G105C Datasheet
114Kb / 1P
SIDACs
logo
Littelfuse
K3002G LITTELFUSE-K3002G Datasheet
1Mb / 12P
Teccor짰 brand Thyristors Standard Bidirectional SIDACs
K2000GH LITTELFUSE-K2000GH Datasheet
247Kb / 10P
Teccor짰 brand Thyristors High Energy Bidirectional SIDACs
K1050SRP LITTELFUSE-K1050SRP Datasheet
431Kb / 12P
Teccor짰 brand Thyristors Standard Bidirectional SIDACs
K2000F23 LITTELFUSE-K2000F23 Datasheet
431Kb / 12P
Standard Bidirectional SIDACs
K2400GH LITTELFUSE-K2400GH Datasheet
247Kb / 10P
High Energy Bidirectional SIDACs
K0820S1URP LITTELFUSE-K0820S1URP Datasheet
671Kb / 8P
Standard Unidirectional SIDACs
KXXX1GL LITTELFUSE-KXXX1GL Datasheet
794Kb / 6P
Standard Bidirectional SIDACs
logo
New Jersey Semi-Conduct...
G105 NJSEMI-G105 Datasheet
84Kb / 1P
SIDACs
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com