Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K2200GRP Datasheet(PDF) 1 Page - Littelfuse

Part # K2200GRP
Description  Standard Bidirectional SIDACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

K2200GRP Datasheet(HTML) 1 Page - Littelfuse

  K2200GRP Datasheet HTML 1Page - Littelfuse K2200GRP Datasheet HTML 2Page - Littelfuse K2200GRP Datasheet HTML 3Page - Littelfuse K2200GRP Datasheet HTML 4Page - Littelfuse K2200GRP Datasheet HTML 5Page - Littelfuse K2200GRP Datasheet HTML 6Page - Littelfuse K2200GRP Datasheet HTML 7Page - Littelfuse K2200GRP Datasheet HTML 8Page - Littelfuse K2200GRP Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Revised: December 9, 2011 01:32 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Standard Bidirectional SIDACs
Kxxxzy Series
Kxxxzy SIDAC
Description
The SIDAC is a silicon bilateral voltage triggered switch.
Upon application of a voltage exceeding the SIDAC breakover
voltage point, the SIDAC switches on through a negative
resistance region to a low on-state voltage. Conduction
continues until the current is interrupted or drops below the
minimum holding current of the device.
SIDACs feature glass-passivated junctions to ensure a
rugged and dependable device capable of withstanding
harsh environments.
Features
Schematic Symbol
Applications
Suitable for high voltage power supplies, natural gas
igniters, high-pressure Sodium lamps, and Xenon flash
ignition.
• AC Circuit Oriented
• Triggering Voltage of 79V
to 330V
• RoHS Compliant
Symbol
Parameters
Test Conditions
Min
Max
Unit
V
BO
Breakover/Trigger Voltage
K0900y
79
97
V
K1050y
95
113
K1100y
104
118
K1200y
110
125
K1300y
120
138
K1400y
130
146
K1500y
140
170
K1800y
165
195
K200zy
190
215
K220zy
205
230
K240zy
220
250
K250zy
240
280
K300zy
270
330
V
DRM
Repetitive Peak Off-state Voltage
K0900y
70
V
K1050y
90
K1100y
90
K1200y
90
K1300y
90
K1400y
90
K1500y
90
K1800y
140
K200zy
180
K220zy
180
K240zy
190
K250zy
200
K300zy
200
Electrical Specifications (T
J = 25°C, unless otherwise specified)
Note: xxx = voltage, z = circuit function, y = package


Similar Part No. - K2200GRP

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
K2200G TECCOR-K2200G Datasheet
269Kb / 6P
silicon bilateral voltage triggered switch
K2200G TECCOR-K2200G Datasheet
2Mb / 224P
Thyristor Product Catalog
logo
Littelfuse
K2200G LITTELFUSE-K2200G Datasheet
181Kb / 7P
High-voltage lamp ignitors
logo
Galaxy Semi-Conductor H...
K2200G BILIN-K2200G Datasheet
322Kb / 5P
SIDAC
logo
UN Semiconducctor INC
K2200G UNSEMI-K2200G Datasheet
3Mb / 5P
Sidac
Revision March 1,2022
More results

Similar Description - K2200GRP

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
G105 EIC-G105 Datasheet
26Kb / 1P
SIDACs
G105C EIC-G105C Datasheet
114Kb / 1P
SIDACs
logo
Littelfuse
K3002G LITTELFUSE-K3002G Datasheet
1Mb / 12P
Teccor짰 brand Thyristors Standard Bidirectional SIDACs
K2000GH LITTELFUSE-K2000GH Datasheet
247Kb / 10P
Teccor짰 brand Thyristors High Energy Bidirectional SIDACs
K1050SRP LITTELFUSE-K1050SRP Datasheet
431Kb / 12P
Teccor짰 brand Thyristors Standard Bidirectional SIDACs
K2000F23 LITTELFUSE-K2000F23 Datasheet
431Kb / 12P
Standard Bidirectional SIDACs
K2400GH LITTELFUSE-K2400GH Datasheet
247Kb / 10P
High Energy Bidirectional SIDACs
K0820S1URP LITTELFUSE-K0820S1URP Datasheet
671Kb / 8P
Standard Unidirectional SIDACs
KXXX1GL LITTELFUSE-KXXX1GL Datasheet
794Kb / 6P
Standard Bidirectional SIDACs
logo
New Jersey Semi-Conduct...
G105 NJSEMI-G105 Datasheet
84Kb / 1P
SIDACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com