Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMB2S Datasheet (PDF) - Micro Commercial Components

LMB2S Datasheet PDF - Micro Commercial Components
Part # LMB2S
Download  LMB2S Download
File Size   343.59 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 1.0 Amp Single Phase Glass Passivated Bridge Rectifier 200 to 1000 Volts

LMB2S Datasheet (PDF)

Go To PDF Page Download Datasheet
LMB2S Datasheet PDF - Micro Commercial Components

Part # LMB2S
Download  LMB2S Click to download

File Size   343.59 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 1.0 Amp Single Phase Glass Passivated Bridge Rectifier 200 to 1000 Volts

LMB2S Datasheet (HTML) - Micro Commercial Components


LMB2S Product details

Features
• Low Profile: Typical height of 1.4mm
• High Temperature Soldering Guaranteed:260°C/10 Second
• High surge current capability
• Halogen free available upon request by adding suffix "-HF"
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
• Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)




Similar Part No. - LMB2S

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
LMB2S MCC-LMB2S Datasheet
239Kb / 3P
1.0 Amp Single Phase Glass Passivated Bridge Rectifier 200 to 800 Volts
LMB2S MCC-LMB2S Datasheet
201Kb / 3P
1.0 Amp Single Phase Glass Passivated Bridge Rectifier 200 to 1000 Volts
LMB2S-TP MCC-LMB2S-TP Datasheet
239Kb / 3P
1.0 Amp Single Phase Glass Passivated Bridge Rectifier 200 to 800 Volts
LMB2S MCC-LMB2S_15 Datasheet
201Kb / 3P
1.0 Amp Single Phase Glass Passivated Bridge Rectifier 200 to 1000 Volts
More results


Similar Description - LMB2S

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBU4A MCC-GBU4A Datasheet
116Kb / 2P
4 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
LMB2S MCC-LMB2S Datasheet
239Kb / 3P
1.0 Amp Single Phase Glass Passivated Bridge Rectifier 200 to 800 Volts
logo
Shenzhen Ping Sheng Ele...
GBU8A PFS-GBU8A Datasheet
201Kb / 2P
8 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
GBPC25005 MCC-GBPC25005 Datasheet
173Kb / 3P
25 Amp Glass Passivated Single Phase Bridge Rectifier 50 to 1000 Volts
DB101L MCC-DB101L Datasheet
415Kb / 3P
1 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBPC35005W MCC-GBPC35005W Datasheet
292Kb / 3P
35 Amp Glass Phase Bridge Rectifier 50 to 1000 Volts Passivated Single
GBPC50005 MCC-GBPC50005 Datasheet
422Kb / 3P
50 Amp Glass Passivated Single Phase Bridge Rectifier 50 to 1000 Volts
LMB2S MCC-LMB2S_15 Datasheet
201Kb / 3P
1.0 Amp Single Phase Glass Passivated Bridge Rectifier 200 to 1000 Volts
LMB203S MCC-LMB203S Datasheet
320Kb / 3P
2.0 Amp Single Phase Glass Passivated Bridge Rectifier 200 to 1000 Volts
TBSL40A MCC-TBSL40A Datasheet
458Kb / 3P
4.0 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com