Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMB2S Datasheet (PDF) - Micro Commercial Components

LMB2S Datasheet PDF - Micro Commercial Components
Part # LMB2S
Download  LMB2S Download
File Size   239.97 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 1.0 Amp Single Phase Glass Passivated Bridge Rectifier 200 to 800 Volts

LMB2S Datasheet (PDF)

Go To PDF Page Download Datasheet
LMB2S Datasheet PDF - Micro Commercial Components

Part # LMB2S
Download  LMB2S Click to download

File Size   239.97 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 1.0 Amp Single Phase Glass Passivated Bridge Rectifier 200 to 800 Volts

LMB2S Datasheet (HTML) - Micro Commercial Components


LMB2S Product details

Features
• Low Profile: Typical height of 1.4mm
• High Temperature Soldering Guaranteed:260°C/10 Second
• High surge current capability
• Halogen free available upon request by adding suffix "-HF"
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
• Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)




Similar Part No. - LMB2S

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
LMB2S MCC-LMB2S Datasheet
343Kb / 3P
1.0 Amp Single Phase Glass Passivated Bridge Rectifier 200 to 1000 Volts
LMB2S MCC-LMB2S Datasheet
201Kb / 3P
1.0 Amp Single Phase Glass Passivated Bridge Rectifier 200 to 1000 Volts
LMB2S MCC-LMB2S_15 Datasheet
201Kb / 3P
1.0 Amp Single Phase Glass Passivated Bridge Rectifier 200 to 1000 Volts
More results


Similar Description - LMB2S

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
KBP101G TSC-KBP101G_10 Datasheet
468Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Central Semiconductor C...
1N5059 CENTRAL-1N5059 Datasheet
65Kb / 2P
GLASS PASSIVATED RECTIFIER 1.0 AMP, 200 THRU 800 VOLTS
logo
Micro Commercial Compon...
LMB10S-TP MCC-LMB10S-TP Datasheet
343Kb / 3P
1.0 Amp Single Phase Glass Passivated Bridge Rectifier 200 to 1000 Volts
GBJ2508L MCC-GBJ2508L Datasheet
486Kb / 3P
25 Amp Glass Passivated Bridge Rectifier 800 Volts
GBU10KL MCC-GBU10KL Datasheet
245Kb / 2P
10 Amp Single Phase Glass Passivated Bridge Rectifiers 800 Volts
LMB2S MCC-LMB2S_15 Datasheet
201Kb / 3P
1.0 Amp Single Phase Glass Passivated Bridge Rectifier 200 to 1000 Volts
LMB203S MCC-LMB203S Datasheet
320Kb / 3P
2.0 Amp Single Phase Glass Passivated Bridge Rectifier 200 to 1000 Volts
logo
Nanjing International G...
ABS2 DGNJDZ-ABS2_02 Datasheet
416Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Bytesonic Electronics C...
ABS2 BYTESONIC-ABS2 Datasheet
680Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
Version 1.3 2015/4/15
logo
Micro Commercial Compon...
GBJ3508L MCC-GBJ3508L Datasheet
591Kb / 3P
35 Amp Glass Passivated Bridge Rectifier 800 Volts
Rev.3-3-05192022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com