Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMB2S Datasheet(PDF) 1 Page - Micro Commercial Components

Part # LMB2S
Description  1.0 Amp Single Phase Glass Passivated Bridge Rectifier 200 to 800 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

LMB2S Datasheet(HTML) 1 Page - Micro Commercial Components

  LMB2S Datasheet HTML 1Page - Micro Commercial Components LMB2S Datasheet HTML 2Page - Micro Commercial Components LMB2S Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LMB2S
THRU
LMB8S
1.0 Amp Single Phase
Glass Passivated
Bridge Rectifier
200 to 800 Volts
Features
Mechanical Data
MCC
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
LMB2S
LB2S
200V
140V
200V
LMB4S
LB4S
400V
280V
400V
LMB6S
LB6S
600V
420V
600V
LMB8S
LB8S
800V
560V
800V
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0 A
0.8 A
on aluminum substrate
on glass-epoxy P.C.B
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
0.95V
IFM = 0.4A;
TA = 25
OC
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
500uA
TA = 25
TA = 125
Typical Thermal
Resistance
RthJA
RthJL
80
/W
25
/W
Note 2
Rating For Fusing
I
2t
3.0A
2s
t<8.30ms
Operating Junction
and Storage
Temperature Range
TJ
TSTG
-55to+150
Notes:
1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7
LMBS -1










.197
.205
5.00
5.20

.024
0.6

----
.189
----
4.80

.150
.165
3.80
4.20

----
.209
----
5.30
.236
.252
6.00
6.40

.177
.185
4.50
4.70

.009
.004
0.02
0.10
C
----
.059
----
1.50
D
.024
.032
0.60
0.80
Revision:
3
200
9/12/20
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Low Profile: Typical height of 1.4mm
High Temperature Soldering Guaranteed:260
oC/40 Second
High surge current capability
Case Material:Molded Plastic. UL Flammability
Classification Rating 94V-0 and MSL Rating 1
Terminals:Matte tin plated leads, solderable per J-STD-002B
and JESD22-B102D
www.mccsemi.com
1 of 3
O
C
5uA
O
C
O
C
O
C
O
C
TM
Micro Commercial Components
Lead Free Finish/RoHS Compliant (NOTE 1)("P" Suffix
designates RoHS Compliant. See ordering information)
2. Device mounted P.C.B with 0.47x0.47''(12mmx12mm) Copper Pads.
F
E
C
D
B
A
G
H
K
J
L
M
L
.006
.012
0.15
0.30
M
.017
.019
0.43
0.47


Similar Part No. - LMB2S

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
LMB2S MCC-LMB2S Datasheet
343Kb / 3P
1.0 Amp Single Phase Glass Passivated Bridge Rectifier 200 to 1000 Volts
LMB2S MCC-LMB2S Datasheet
201Kb / 3P
1.0 Amp Single Phase Glass Passivated Bridge Rectifier 200 to 1000 Volts
LMB2S MCC-LMB2S_15 Datasheet
201Kb / 3P
1.0 Amp Single Phase Glass Passivated Bridge Rectifier 200 to 1000 Volts
More results

Similar Description - LMB2S

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
KBP101G TSC-KBP101G_10 Datasheet
468Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Central Semiconductor C...
1N5059 CENTRAL-1N5059 Datasheet
65Kb / 2P
GLASS PASSIVATED RECTIFIER 1.0 AMP, 200 THRU 800 VOLTS
logo
Micro Commercial Compon...
LMB10S-TP MCC-LMB10S-TP Datasheet
343Kb / 3P
1.0 Amp Single Phase Glass Passivated Bridge Rectifier 200 to 1000 Volts
GBJ2508L MCC-GBJ2508L Datasheet
486Kb / 3P
25 Amp Glass Passivated Bridge Rectifier 800 Volts
GBU10KL MCC-GBU10KL Datasheet
245Kb / 2P
10 Amp Single Phase Glass Passivated Bridge Rectifiers 800 Volts
LMB2S MCC-LMB2S_15 Datasheet
201Kb / 3P
1.0 Amp Single Phase Glass Passivated Bridge Rectifier 200 to 1000 Volts
LMB203S MCC-LMB203S Datasheet
320Kb / 3P
2.0 Amp Single Phase Glass Passivated Bridge Rectifier 200 to 1000 Volts
logo
Nanjing International G...
ABS2 DGNJDZ-ABS2_02 Datasheet
416Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Bytesonic Electronics C...
ABS2 BYTESONIC-ABS2 Datasheet
680Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
Version 1.3 2015/4/15
logo
Micro Commercial Compon...
GBJ3508L MCC-GBJ3508L Datasheet
591Kb / 3P
35 Amp Glass Passivated Bridge Rectifier 800 Volts
Rev.3-3-05192022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com