Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6599DTR Datasheet (PDF) - STMicroelectronics

L6599DTR Datasheet PDF - STMicroelectronics
Part # L6599DTR
Download  L6599DTR Download
File Size   639.17 Kbytes
Page   36 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High-voltage resonant controller

L6599DTR Datasheet (PDF)

Go To PDF Page Download Datasheet
L6599DTR Datasheet PDF - STMicroelectronics

Part # L6599DTR
Download  L6599DTR Click to download

File Size   639.17 Kbytes
Page   36 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High-voltage resonant controller

L6599DTR Datasheet (HTML) - STMicroelectronics


L6599DTR Product details

Device description
The L6599 is a double-ended controller specific for the resonant half-bridge topology. It provides 50% complementary duty cycle: the high-side switch and the low-side switch are driven ON 180° out-of-phase for exactly the same time.
Output voltage regulation is obtained by modulating the operating frequency. A fixed deadtime inserted between the turn-OFF of one switch and the turn-ON of the other one guarantees soft-switching and enables high-frequency operation.

Features
■ 50% duty cycle, variable frequency control of
   resonant half-bridge
■ High-accuracy oscillator
■ Up to 500kHz operating frequency
■ Two-level OCP: frequency-shift and latched
   shutdown
■ Interface with PFC controller
■ Latched disable input
■ Burst-mode operation at light load
■ Input for power-ON/OFF sequencing or
   brownout protection
■ Non-linear soft-start for monotonic output
   voltage rise
■ 600V-rail compatible high-side gate driver with
   integrated bootstrap diode and high dV/dt
   immunity
■ -300/800mA high-side and low-side gate
   drivers with UVLO pull-down
■ DIP-16, SO-16N packages

Applications
■ LCD & PDP TV
■ Desktop PC, entry-level server
■ Telecom SMPS
■ AC-DC adapter, open frame SMPS




Similar Part No. - L6599DTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6599D STMICROELECTRONICS-L6599D Datasheet
635Kb / 36P
High-voltage resonant controller
15-May-2006
More results


Similar Description - L6599DTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6598 STMICROELECTRONICS-L6598 Datasheet
114Kb / 16P
HIGH VOLTAGE RESONANT CONTROLLER
Feb-2000
L6599 STMICROELECTRONICS-L6599 Datasheet
635Kb / 36P
High-voltage resonant controller
15-May-2006
L6598 STMICROELECTRONICS-L6598_04 Datasheet
249Kb / 17P
HIGH VOLTAGE RESONANT CONTROLLER
Jun-2004
L6599_0807 STMICROELECTRONICS-L6599_0807 Datasheet
636Kb / 36P
High-voltage resonant controller
18-Jul-2006
L6699DTR STMICROELECTRONICS-L6699DTR Datasheet
960Kb / 38P
Enhanced high voltage resonant controller
16-Jan-2013
E-L6598D013TR STMICROELECTRONICS-E-L6598D013TR Datasheet
367Kb / 24P
High voltage resonant controller
02-Oct-2009
L6599ATD STMICROELECTRONICS-L6599ATD Datasheet
864Kb / 31P
Improved high-voltage resonant controller
30-Oct-2009
L6599AN STMICROELECTRONICS-L6599AN Datasheet
1Mb / 35P
Improved high-voltage resonant controller
14-Jan-2013
L6699 STMICROELECTRONICS-L6699 Datasheet
960Kb / 38P
Enhanced high voltage resonant controller
January 2013 Rev 2
L6599AT STMICROELECTRONICS-L6599AT Datasheet
977Kb / 32P
Improved high voltage resonant controller
29-Jul-2015
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com