Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6599 Datasheet (PDF) - STMicroelectronics

L6599 Datasheet PDF - STMicroelectronics
Part # L6599
Download  L6599 Download
File Size   635.88 Kbytes
Page   36 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High-voltage resonant controller

L6599 Datasheet (PDF)

Go To PDF Page Download Datasheet
L6599 Datasheet PDF - STMicroelectronics

Part # L6599
Download  L6599 Click to download

File Size   635.88 Kbytes
Page   36 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High-voltage resonant controller

L6599 Datasheet (HTML) - STMicroelectronics


L6599 Product details

Features
■ 50% duty cycle, variable frequency control of
■ resonant half-bridge
■ High-accuracy oscillator
■ Up to 500kHz operating frequency
■ Two-level OCP: frequency-shift and latched
■ shutdown
■ Interface with PFC controller
■ Latched disable input
■ Burst-mode operation at light load
■ Input for power-ON/OFF sequencing or
■ brownout protection
■ Non-linear soft-start for monotonic output
■ voltage rise
■ 600V-rail compatible high-side gate driver with integrated bootstrap diode and high dV/dt
■ immunity
■ -300/800mA high-side and low-side gate
■ drivers with UVLO pull-down
■ DIP-16, SO-16N packages

Applications
■ LCD & PDP TV
■ Desktop PC, entry-level server
■ Telecom SMPS
■ AC-DC adapter, open frame SMPS




Similar Part No. - L6599

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6599 STMICROELECTRONICS-L6599 Datasheet
636Kb / 36P
High-voltage resonant controller
18-Jul-2006
L6599A STMICROELECTRONICS-L6599A Datasheet
1Mb / 35P
Improved high-voltage resonant controller
14-Jan-2013
L6599AD STMICROELECTRONICS-L6599AD Datasheet
1Mb / 35P
Improved high-voltage resonant controller
14-Jan-2013
L6599ADTR STMICROELECTRONICS-L6599ADTR Datasheet
1Mb / 35P
Improved high-voltage resonant controller
14-Jan-2013
L6599AF STMICROELECTRONICS-L6599AF Datasheet
959Kb / 32P
Very low temperature improved high voltage resonant controller
27-Aug-2015
More results


Similar Description - L6599

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6598 STMICROELECTRONICS-L6598 Datasheet
114Kb / 16P
HIGH VOLTAGE RESONANT CONTROLLER
Feb-2000
L6598 STMICROELECTRONICS-L6598_04 Datasheet
249Kb / 17P
HIGH VOLTAGE RESONANT CONTROLLER
Jun-2004
L6599_0807 STMICROELECTRONICS-L6599_0807 Datasheet
636Kb / 36P
High-voltage resonant controller
18-Jul-2006
L6599DTR STMICROELECTRONICS-L6599DTR Datasheet
639Kb / 36P
High-voltage resonant controller
11-Feb-2009
L6699DTR STMICROELECTRONICS-L6699DTR Datasheet
960Kb / 38P
Enhanced high voltage resonant controller
16-Jan-2013
E-L6598D013TR STMICROELECTRONICS-E-L6598D013TR Datasheet
367Kb / 24P
High voltage resonant controller
02-Oct-2009
L6599ATD STMICROELECTRONICS-L6599ATD Datasheet
864Kb / 31P
Improved high-voltage resonant controller
30-Oct-2009
L6599AN STMICROELECTRONICS-L6599AN Datasheet
1Mb / 35P
Improved high-voltage resonant controller
14-Jan-2013
L6699 STMICROELECTRONICS-L6699 Datasheet
960Kb / 38P
Enhanced high voltage resonant controller
January 2013 Rev 2
L6599AT STMICROELECTRONICS-L6599AT Datasheet
977Kb / 32P
Improved high voltage resonant controller
29-Jul-2015
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com