Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6599 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6599
Description  High-voltage resonant controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6599 Datasheet HTML 4Page - STMicroelectronics L6599 Datasheet HTML 5Page - STMicroelectronics L6599 Datasheet HTML 6Page - STMicroelectronics L6599 Datasheet HTML 7Page - STMicroelectronics L6599 Datasheet HTML 8Page - STMicroelectronics L6599 Datasheet HTML 9Page - STMicroelectronics L6599 Datasheet HTML 10Page - STMicroelectronics L6599 Datasheet HTML 11Page - STMicroelectronics L6599 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Electrical characteristics
L6599
8/36
5
Electrical characteristics
TJ = 0 to 105°C, VCC = 15V, VBOOT = 15V, CHVG = CLVG = 1nF; CF = 470pF;
RRFmin = 12kΩ; unless otherwise specified.
Table 4.
Electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
IC supply voltage
VCC
Operating range
After device turn-on
8.85
16
V
VCC(ON)
Turn-ON threshold
Voltage rising
10
10.7
11.4
V
VCC(OFF)
Turn-OFF threshold
Voltage falling
7.45
8.15
8.85
V
Hys
Hysteresis
2.55
V
VZ
VCC clamp voltage
Iclamp = 10mA
16
17
17.9
V
Supply current
Istart-up
Start-up current
Before device turn-ON
VCC = VCC(ON) - 0.2V
200
250
µA
Iq
Quiescent current
Device ON, VSTBY = 1V
1.5
2
mA
Iop
Operating current
Device ON,
VSTBY = VRFmin
3.5
5
mA
Iq
Residual consumption
VDIS > 1.85V or VDELAY
> 3.5V or VLINE < 1.25 V
or VLINE = Vclamp
300
400
µA
High-side floating gate-drive supply
ILKBOOT
VBOOT pin leakage
current
VBOOT = 580V
5
µA
ILKOUT
OUT pin leakage current VOUT = 562V
5
µA
rDS(on)
Synchronous bootstrap
diode ON-resistance
VLVG = High
150
Ω
Overcurrent comparator
IISEN
Input bias current
VISEN = 0 to VISENdis
-1
µA
tLEB
Leading edge blanking
After VHVG and VLVG
low-to-high transition
250
ns
VISENx
Frequency shift
threshold
Voltage rising (1)
0.76
0.8
0.84
V
Hysteresis
Voltage falling
50
mV
VISENdis
Latch OFF threshold
Voltage rising (1)
1.44
1.5
1.56
V
td(H-L)
Delay to output
300
400
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com