Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPIC2113 Datasheet (PDF) - Motorola, Inc

MPIC2113 Datasheet PDF - Motorola, Inc
Part # MPIC2113
Download  MPIC2113 Download
File Size   171.15 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description HIGH AND LOW SIDE DRIVER

MPIC2113 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPIC2113 Datasheet PDF - Motorola, Inc

Part # MPIC2113
Download  MPIC2113 Click to download

File Size   171.15 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description HIGH AND LOW SIDE DRIVER

MPIC2113 Datasheet (HTML) - Motorola, Inc


MPIC2113 Product details

The MPIC2113 is a high voltage, high speed, power MOSFET and IGBT driver with independent high and low side referenced output channels. Proprietary HVIC and latch immune CMOS technologies enable ruggedized monolithic construction. Logic inputs are compatible with standard CMOS or LSTTL outputs. The output drivers feature a high pulse current buffer stage designed for minimum driver cross–conduction. Propagation delays are matched to simplify use in high frequency applications. The floating channel can be used to drive an N–channel power MOSFET or IGBT in the high side configuration which operates from 10 to 600 volts.

• Floating Channel Designed for Bootstrap Operation
• Fully Operational to +600 V
• Tolerant to Negative Transient Voltage
• dV/dt Immune
• Gate Drive Supply Range from 10 to 20 V
• Undervoltage Lockout for Both Channels
• Separate Logic Supply
• Operating Supply Range from 5 to 20 V
• Logic and Power Ground Operating Offset Range from –5 to +5 V
• CMOS Schmitt–triggered Inputs with Pull–down
• Cycle by Cycle Edge–triggered Shutdown Logic
• Matched Propagation Delay for Both Channels
• Outputs In Phase with Inputs




Similar Part No. - MPIC2113

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2111 MOTOROLA-MPIC2111 Datasheet
159Kb / 6P
HALF-BRIDGE DRIVER
MPIC2111D MOTOROLA-MPIC2111D Datasheet
159Kb / 6P
HALF-BRIDGE DRIVER
MPIC2111P MOTOROLA-MPIC2111P Datasheet
159Kb / 6P
HALF-BRIDGE DRIVER
MPIC2112 MOTOROLA-MPIC2112 Datasheet
160Kb / 6P
HIGH AND LOW SIDE DRIVER
MPIC2112DW MOTOROLA-MPIC2112DW Datasheet
160Kb / 6P
HIGH AND LOW SIDE DRIVER
More results


Similar Description - MPIC2113

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2011PBF IRF-IRS2011PBF Datasheet
338Kb / 19P
HIGH AND LOW SIDE DRIVER
IRS2106 IRF-IRS2106_15 Datasheet
1Mb / 25P
HIGH AND LOW SIDE DRIVER
IRS2181 IRF-IRS2181_15 Datasheet
1Mb / 23P
HIGH AND LOW SIDE DRIVER
IRS2607DSPBF IRF-IRS2607DSPBF_15 Datasheet
833Kb / 28P
HIGH AND LOW SIDE DRIVER
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
High Side and Low Side Driver
logo
Infineon Technologies A...
IR2101 INFINEON-IR2101 Datasheet
148Kb / 14P
HIGH AND LOW SIDE DRIVER
IRS2005PBF INFINEON-IRS2005PBF Datasheet
1Mb / 19P
High and Low Side Driver
April 23, 2020
IRS2101PBF INFINEON-IRS2101PBF Datasheet
1Mb / 15P
HIGH AND LOW SIDE DRIVER
Data Sheet No. PD60250
IRS2112PBF INFINEON-IRS2112PBF Datasheet
1Mb / 19P
HIGH AND LOW SIDE DRIVER
Data Sheet No. PD60251
logo
Shenzhen Huazhimei Semi...
HM2101 HMSEMI-HM2101 Datasheet
385Kb / 5P
High and Low Side Driver
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com