Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPIC2113 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MPIC2113
Description  HIGH AND LOW SIDE DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPIC2113 Datasheet(HTML) 4 Page - Motorola, Inc

  MPIC2113 Datasheet HTML 1Page - Motorola, Inc MPIC2113 Datasheet HTML 2Page - Motorola, Inc MPIC2113 Datasheet HTML 3Page - Motorola, Inc MPIC2113 Datasheet HTML 4Page - Motorola, Inc MPIC2113 Datasheet HTML 5Page - Motorola, Inc MPIC2113 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MPIC2113
4
Motorola TMOS Power MOSFET Transistor Device Data
LEAD DEFINITIONS
Symbol
Lead Description
VDD
Logic Supply
HIN
Logic Input for High Side Gate Driver Output (HO), In Phase
SD
Logic Input for Shutdown
LIN
Logic Input for Low Side Gate Driver Output (LO), In Phase
VSS
Logic Ground
VB
High Side Floating Supply
HO
High Side Gate Drive Output
VS
High Side Floating Supply Return
VCC
Low Side Supply
LO
Low Side Gate Drive Output
COM
Low Side Return
Figure 1. Input / Output Timing Diagram
Figure 2. Switching Time Waveform
Definitions
Figure 3. Shutdown Waveform Definitions
HIN
LIN
SD
HO
LO
HIN
LIN
HO
LO
10%
10%
90%
90%
ton
tr
50%
50%
toff
tf
Figure 4. Delay Matching Waveform
Definitions
50%
90%
HO
LO
SD
tsd
10%
50%
50%
90%
HIN
LIN
LO
HO
LO
HO
MT
MT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com