Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT45B Datasheet (PDF) - EPCOS

ACT45B Datasheet PDF - EPCOS
Part # ACT45B
Download  ACT45B Download
File Size   544.03 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description ACT45B common-mode chokes for CAN bus systems, EIA 1812 51 ... 100 關H, 150 ... 200 mA

ACT45B Datasheet (PDF)

Go To PDF Page Download Datasheet
ACT45B Datasheet PDF - EPCOS

Part # ACT45B
Download  ACT45B Click to download

File Size   544.03 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description ACT45B common-mode chokes for CAN bus systems, EIA 1812 51 ... 100 關H, 150 ... 200 mA

ACT45B Datasheet (HTML) - EPCOS


ACT45B Product details

Rated voltage 50 V DC

Rated inductance 51 ... 100 μH

Rated current 150 ... 200 mA



Features

■Operating temperature range: –40 ... +150 °C

■Qualified to AEC-Q200

■Suitable for lead-free reflow soldering as referenced in JEDEC J-STD 020D

■RoHS-compatible




Similar Part No. - ACT45B

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACT45B TDK-ACT45B Datasheet
32Kb / 1P
Common Mode Filters SMD
ACT45B TDK-ACT45B Datasheet
40Kb / 2P
Common Mode Filters(SMD) For CAN-BUS
ACT45B TDK-ACT45B Datasheet
133Kb / 11P
Common Mode Filters For automobile signal line ACT series
ACT45B TDK-ACT45B Datasheet
133Kb / 11P
Common Mode Filters For automobile signal line ACT series
ACT45B TDK-ACT45B Datasheet
107Kb / 7P
Common Mode Filters For automobile signal line
More results


Similar Description - ACT45B

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM18 BITECH-HM18 Datasheet
103Kb / 3P
Common-Mode Chokes
logo
TDK Electronics
ACT45B TDK-ACT45B_07 Datasheet
40Kb / 2P
Common Mode Filters(SMD) For CAN-BUS
logo
EPCOS
B82789C0 EPCOS-B82789C0 Datasheet
205Kb / 11P
SIMDAD 1812, common-mode chokes
logo
List of Unclassifed Man...
CC1812C513R-10 ETC2-CC1812C513R-10 Datasheet
663Kb / 2P
CAN-Bus Common Mode Chokes
logo
XFMRS Inc.
XF0013-CMC160 XFMRS-XF0013-CMC160_15 Datasheet
114Kb / 2P
COMMON MODE CHOKES
XF0036-3SM XFMRS-XF0036-3SM_15 Datasheet
40Kb / 1P
COMMON MODE CHOKES
XF0043D-CMC160 XFMRS-XF0043D-CMC160_15 Datasheet
95Kb / 2P
COMMON MODE CHOKES
XF0044-VPCMC2 XFMRS-XF0044-VPCMC2_15 Datasheet
37Kb / 1P
COMMON MODE CHOKES
logo
Pulse A Technitrol Comp...
W717 PULSE-W717 Datasheet
798Kb / 5P
EMI Suppression for CAN-Bus Networks 2-Line Common Mode Chokes
logo
TDK Electronics
B82789C0 TDK-B82789C0 Datasheet
236Kb / 10P
SIMDAD 1812, common-mode chokes
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com