Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NMS0505C Datasheet (PDF) - Murata Manufacturing Co., Ltd.

NMS0505C Datasheet PDF - Murata Manufacturing Co., Ltd.
Part # NMS0505C
Download  NMS0505C Download
File Size   171.97 Kbytes
Page   3 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description 6kVDC Isolated 2W Dual Output DC/DC Converters

NMS0505C Datasheet (PDF)

Go To PDF Page Download Datasheet
NMS0505C Datasheet PDF - Murata Manufacturing Co., Ltd.

Part # NMS0505C
Download  NMS0505C Click to download

File Size   171.97 Kbytes
Page   3 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description 6kVDC Isolated 2W Dual Output DC/DC Converters

NMS0505C Datasheet (HTML) - Murata Manufacturing Co., Ltd.


NMS0505C Product details

DESCRIPTION
The NMS series of DC/DC converters are UL1950 recognized which makes them ideal for all telecom and safety applications where approved isolation is required. The low profi le package allows mounting in rack systems without risk of touching other boards. The output confi guration allows all of the rated power to be drawn from a single pin provided the total load does not exceed 2 watts. The devices feature low noise and low isolation capacitance suiltable for applications in high noise environments, e.g. heavy electrical machine interface.

FEATURES
■ RoHS compliant
■ UL1950 recognized
■ Effi ciency to 82%
■ Power density up to 0.44W/cm3
■ Dual outputs
■ Low profi le package
■ UL 94V-0 package material
■ No heatsink required
■ Footprint 4.75cm2
■ 6kVDC isolation
■ 5V & 12V input
■ 5V, 9V, 12V and 15V output
■ Internal SMD construction
■ Fully encapsulated with toroidal magnetics
■ MTTF up to 747 kHrs
■ PCB mounting




Similar Part No. - NMS0505C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NMS0505C MURATA-PS-NMS0505C Datasheet
129Kb / 4P
6kVDC Isolated 2W Dual Output DC-DC Converters
2023
More results


Similar Description - NMS0505C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMH CANDD-NMH Datasheet
111Kb / 2P
Isolated 2W Dual Output DC-DC Converters
NMS CANDD-NMS Datasheet
109Kb / 2P
6kVDC Isolated 2W Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
NMH0512DC MURATA-NMH0512DC Datasheet
223Kb / 6P
Isolated 2W Dual Output DC/DC Converters
logo
Microdc power Technolog...
2A-XSD MICRODC-2A-XSD Datasheet
632Kb / 4P
Isolated 2W Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPJ-2W TOPPOWER-TPJ-2W Datasheet
622Kb / 3P
2W 6KVDC Isolated Single and Dual Output DC/DC Converters
TPS TOPPOWER-TPS Datasheet
605Kb / 3P
2W 6KVDC Isolated Dual Output DC/DC Converters
TPS TOPPOWER-TPS_17 Datasheet
413Kb / 3P
2W 6KVDC Isolated Dual Output DC/DC Converters
TPJ-2W TOPPOWER-TPJ-2W_18 Datasheet
631Kb / 3P
2W 6KVDC Isolated Single and Dual Output DC/DC Converters
TPJ-2W TOPPOWER-TPJ-2W_V01 Datasheet
753Kb / 3P
2W 6KVDC Isolated Single and Dual Output DC/DC Converters
TPS TOPPOWER-TPS_V01 Datasheet
734Kb / 3P
2W 6KVDC Isolated Dual Output DC/DC Converters
More results




About Murata Manufacturing Co., Ltd.


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.
The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.
Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.
The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com