Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NMS Datasheet (PDF) - C&D Technologies

NMS Datasheet PDF - C&D Technologies
Part # NMS
Download  NMS Download
File Size   109.45 Kbytes
Page   2 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description 6kVDC Isolated 2W Dual Output DC-DC Converters

NMS Datasheet (PDF)

Go To PDF Page Download Datasheet
NMS Datasheet PDF - C&D Technologies

Part # NMS
Download  NMS Click to download

File Size   109.45 Kbytes
Page   2 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description 6kVDC Isolated 2W Dual Output DC-DC Converters

NMS Datasheet (HTML) - C&D Technologies


NMS Product details

DESCRIPTION
The NMS Series of DC-DC Converters are UL 1950 recognised and fully certified to BS EN 60950, this makes them ideal for all Telecom and safety applications where approved isolation is required. The low profile package allows mounting in rack systems without risk of touching other boards. The output configuration allows all of the rated power to be drawn from a single pin provided the total load does not exceed 2 Watts. The devices feature low noise and low isolation capacitance suitable for applications in high noise enviroments, eg heavy electrical machine interface.

FEATURES
■ BS EN 60950 Certified
■ UL 1950 Recognised
■ 6kVDC Isolation
■ Dual Outputs
■ Low Profile Package
■ Efficiency to 80%
■ Power Density 0.48W/cm3
■ 5V & 12V Input
■ 5V, 9V, 12V & 15V Output
■ Footprint 4.75cm2
■ UL 94V-0 Package Material
■ No Heatsink required
■ Internal SMD Construction
■ Toroidal Magnetics
■ Fully Encapsulated
■ MTTF up to 1.0 Million Hours
■ PCB Mounting
■ Custom Solutions Available




Similar Part No. - NMS

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NMS MURATA-PS-NMS Datasheet
129Kb / 4P
6kVDC Isolated 2W Dual Output DC-DC Converters
2023
logo
Richco, Inc.
NMS-306 RICHCO-NMS-306 Datasheet
37Kb / 1P
NYLON METRIC SCREWS
NMS-308 RICHCO-NMS-308 Datasheet
37Kb / 1P
NYLON METRIC SCREWS
NMS-310 RICHCO-NMS-310 Datasheet
37Kb / 1P
NYLON METRIC SCREWS
NMS-312 RICHCO-NMS-312 Datasheet
37Kb / 1P
NYLON METRIC SCREWS
More results


Similar Description - NMS

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMH CANDD-NMH Datasheet
111Kb / 2P
Isolated 2W Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
NMH0512DC MURATA-NMH0512DC Datasheet
223Kb / 6P
Isolated 2W Dual Output DC/DC Converters
NMS1205C MURATA-NMS1205C Datasheet
171Kb / 3P
6kVDC Isolated 2W Dual Output DC/DC Converters
logo
Microdc power Technolog...
2A-XSD MICRODC-2A-XSD Datasheet
632Kb / 4P
Isolated 2W Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPJ-2W TOPPOWER-TPJ-2W Datasheet
622Kb / 3P
2W 6KVDC Isolated Single and Dual Output DC/DC Converters
TPS TOPPOWER-TPS Datasheet
605Kb / 3P
2W 6KVDC Isolated Dual Output DC/DC Converters
TPS TOPPOWER-TPS_17 Datasheet
413Kb / 3P
2W 6KVDC Isolated Dual Output DC/DC Converters
TPJ-2W TOPPOWER-TPJ-2W_18 Datasheet
631Kb / 3P
2W 6KVDC Isolated Single and Dual Output DC/DC Converters
TPJ-2W TOPPOWER-TPJ-2W_V01 Datasheet
753Kb / 3P
2W 6KVDC Isolated Single and Dual Output DC/DC Converters
TPS TOPPOWER-TPS_V01 Datasheet
734Kb / 3P
2W 6KVDC Isolated Dual Output DC/DC Converters
More results




About C&D Technologies


C&D Technologies, Inc. is a company that specializes in the design, manufacture, and marketing of electrical power storage and conversion systems. The company was founded in 1906 and is based in Pennsylvania, USA.

C&D Technologies offers a wide range of products, including batteries, chargers, inverters, and power supplies, which are used in a variety of industries, including telecommunications, energy storage, and transportation. The company's batteries are used in a variety of applications, including backup power systems for critical facilities, renewable energy systems, and uninterruptible power supplies (UPS).

In addition to its products, C&D Technologies also offers a range of services, including installation, commissioning, and maintenance of its power storage and conversion systems. The company is committed to providing high-quality and reliable products and services to its customers and has a strong focus on innovation and sustainability.

C&D Technologies has operations in North America, Europe, and Asia, and serves customers in more than 100 countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com