Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NMS Datasheet(PDF) 1 Page - C&D Technologies

Part # NMS
Description  6kVDC Isolated 2W Dual Output DC-DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NMS Datasheet(HTML) 1 Page - C&D Technologies

  NMS Datasheet HTML 1Page - C&D Technologies NMS Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SELECTION GUIDE
FEATURES
s
BS EN 60950 Certified
s
UL 1950 Recognised
s
6kVDC Isolation
s
Dual Outputs
s
Low Profile Package
s
Efficiency to 80%
s
Power Density 0.48W/cm3
s
5V & 12V Input
s
5V, 9V, 12V & 15V Output
s
Footprint 4.75cm2
s
UL 94V-0 Package Material
s
No Heatsink required
s
Internal SMD Construction
s
Toroidal Magnetics
s
Fully Encapsulated
s
MTTF up to 1.0 Million Hours
s
PCB Mounting
s
Custom Solutions Available
DESCRIPTION
The NMS Series of DC-DC Converters are UL
1950 recognised and fully certified to BS EN
60950, this makes them ideal for all Telecom
and safety applications where approved
isolation is required. The low profile package
allows mounting in rack systems without risk
of touching other boards. The output
configuration allows all of the rated power to
be drawn from a single pin provided the total
load does not exceed 2 Watts. The devices
feature low noise and low isolation
capacitance suitable for applications in high
noise enviroments, eg heavy electrical
machine interface.
Nominal
Input
Output
Output
Isolation
Voltage
Voltage
Current
Efficiency
Capacitance
MTTF1
Order Code
(V)
(V)
(mA)
(%)
(pF)
kHrs
NMS0505
5
±5
±200
74
1.8
747
NMS0509
5
±9
±111
76
1.9
327
NMS0512
5
±12
±83
77
2.0
169
NMS0515
5
±15
±67
78
2.1
93
NMS1205
12
±5
±200
78
1.9
365
NMS1209
12
±9
±111
81
2.0
224
NMS1212
12
±12
±83
82
2.1
136
NMS1215
12
±15
±67
82
2.2
82
When operated with additional external load capacitance the rise time of the input voltage will determine the
maximum external capacitance value for guaranteed start up. The slower the rise time of the input voltage the
greater the maximum value of the additional external capacitance for reliable start up.
Parameter
Conditions
MIN
TYP
MAX
Units
Continuous operation, 5V input types
4.5
5
5.5
Voltage Range
Continuous operation, 12V input types
10.8
12
13.2
V
Parameter
Conditions
MIN
TYP
MAX
Units
Rated Power2
TA= 0°C to 70°C
2
W
Voltage Set
Point Accuracy
See tolerance envelope
–7.5
10
%
Line Regulation High V
IN to low V IN
1.0
1.2
%/%
10% load to rated load, 5V output types
10
15
Load Regulation
10% load to rated load, 9V output types
6
15
%
10% load to rated load, 12V output types
6
15
10% load to rated load, 15V output types
6
15
Ripple & Noise BW=DC to 20MHz, all output types
200
mV p-p
Short-circuit duration3
1 second
Internal power dissipation
900mW
Lead temperature 1.5mm from case for 10 seconds
300°C
Input voltage VIN, NMS05 types
7V
Input voltage VIN, NMS12 types
15V
INPUT CHARACTERISTICS
OUTPUT CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
1 Calculated using MIL-HDBK-217F with nominal input voltage at full load.
2 See derating curve
3 Supply voltage must be discontinued at the end of the short circuit duration.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
NMS SERIES
6kVDC Isolated 2W Dual Output DC-DC Converters
www.dc-dc.com


Similar Part No. - NMS

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NMS MURATA-PS-NMS Datasheet
129Kb / 4P
6kVDC Isolated 2W Dual Output DC-DC Converters
2023
logo
Richco, Inc.
NMS-306 RICHCO-NMS-306 Datasheet
37Kb / 1P
NYLON METRIC SCREWS
NMS-308 RICHCO-NMS-308 Datasheet
37Kb / 1P
NYLON METRIC SCREWS
NMS-310 RICHCO-NMS-310 Datasheet
37Kb / 1P
NYLON METRIC SCREWS
NMS-312 RICHCO-NMS-312 Datasheet
37Kb / 1P
NYLON METRIC SCREWS
More results

Similar Description - NMS

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMH CANDD-NMH Datasheet
111Kb / 2P
Isolated 2W Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
NMH0512DC MURATA-NMH0512DC Datasheet
223Kb / 6P
Isolated 2W Dual Output DC/DC Converters
NMS1205C MURATA-NMS1205C Datasheet
171Kb / 3P
6kVDC Isolated 2W Dual Output DC/DC Converters
logo
Microdc power Technolog...
2A-XSD MICRODC-2A-XSD Datasheet
632Kb / 4P
Isolated 2W Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPJ-2W TOPPOWER-TPJ-2W Datasheet
622Kb / 3P
2W 6KVDC Isolated Single and Dual Output DC/DC Converters
TPS TOPPOWER-TPS Datasheet
605Kb / 3P
2W 6KVDC Isolated Dual Output DC/DC Converters
TPS TOPPOWER-TPS_17 Datasheet
413Kb / 3P
2W 6KVDC Isolated Dual Output DC/DC Converters
TPJ-2W TOPPOWER-TPJ-2W_18 Datasheet
631Kb / 3P
2W 6KVDC Isolated Single and Dual Output DC/DC Converters
TPJ-2W TOPPOWER-TPJ-2W_V01 Datasheet
753Kb / 3P
2W 6KVDC Isolated Single and Dual Output DC/DC Converters
TPS TOPPOWER-TPS_V01 Datasheet
734Kb / 3P
2W 6KVDC Isolated Dual Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com