Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NMS Datasheet(PDF) 2 Page - C&D Technologies

Part # NMS
Description  6kVDC Isolated 2W Dual Output DC-DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NMS Datasheet(HTML) 2 Page - C&D Technologies

  NMS Datasheet HTML 1Page - C&D Technologies NMS Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NMS SERIES
6kVDC Isolated 2W Dual Output DC-DC Converters
C&D Technologies (NCL) Ltd
Tanners Drive, Blakelands North
Milton Keynes MK14 5BU, England
Tel: +44 (0)1908 615232
Fax:+44 (0)1908 617545
email: info@cdtechno-ncl.com
www: http://www.dc-dc.com
C&D Technologies (NCL), Inc.
5816 Creedmoor Road, Raleigh
NC 27612, USA
Tel: +1 (919) 571-9405
Fax: +1 (919) 571-9262
email: info@us.cdtechno-ncl.com
C&D Technologies (NCL) Limited reserve the right to alter or improve the
specification, internal design or manufacturing process at any time, without
notice. Please check with your supplier or visit our web site to ensure that
you have the current and complete specification for your product before use.
© C&D Technologies (NCL) Limited 2001
NDC NMS.3
No part of this publication may be copied, transmitted or stored in a
retrieval system or reproduced in any way including, but not limited to,
photography, photocopy, magnetic or other recording means, without prior
written permission from C&D Technologies (NCL) Limited.
Instructions for use are available from www.dc-dc.com
ISOLATION CHARACTERISTICS
GENERAL CHARACTERISTICS
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
MIN
TYP
MAX
Units
Isolation Test Voltage
Flash tested for 1 second
6000
VDC
Resistance
Viso=500VDC
10
G
Ω
Parameter
Conditions
MIN
TYP
MAX
Units
Switching Frequency
All input types
35
kHz
Parameter
Conditions
MIN
TYP
MAX
Units
Specification
All output types
0
70
°C
Storage
-50
130
°C
Case Temperature
All output types
32
°C
Above Ambient
Cooling
Free air convection
32.60 max
14.72
MECHANICAL DIMENSIONS
2.16
0.55
0.45
15.24
2.54
3.90
16.95
0.30
0.20
0.60 max
24 Pin DIL
Weight: 7.5g
All dimensions in mm XX.XX ±0.25mm. All pins on a 2.54mm pitch and within ±0.25mm of true position.
PERFORMANCE CHARACTERISTICS
tolerance envelope
+10%
+5%
V nominal
temperature derating graph
4
3
2
1
0
+2.5%
–2.5%
–7.5%
10
50
100
Output Load Current (%)
0
20
40
60
80
Ambient Temperature (°C)
70°C
XYYWWi
NMS0505
9.40±0.30
Pin Connections (Top View)
1
2
8
9
10
11
12
24
23
17
16
15
14
13
VIN
GND
–V
NC
0V
NC
+V
NC
NC
–V
NC
0V
NC
+V
Safe Operating Area



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com