Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT230X Datasheet (PDF) - Future Technology Devices International Ltd.

FT230X Datasheet PDF - Future Technology Devices International Ltd.
Part # FT230X
Download  FT230X Download
File Size   816.76 Kbytes
Page   44 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description USB to serial UART interface with optimised pin count for smaller PCB designs

FT230X Datasheet (PDF)

Go To PDF Page Download Datasheet
FT230X Datasheet PDF - Future Technology Devices International Ltd.

Part # FT230X
Download  FT230X Click to download

File Size   816.76 Kbytes
Page   44 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description USB to serial UART interface with optimised pin count for smaller PCB designs

FT230X Datasheet (HTML) - Future Technology Devices International Ltd.


FT230X Product details

The FT230X is a USB to serial UART interface with optimised pin count for smaller PCB designs and the following advanced features:

• Single chip USB to asynchronous serial data transfer interface.

• Entire USB protocol handled on the chip. No USB specific firmware programming required.

• Fully integrated 2048 byte multi-time programmable (MTP) memory, storing device descriptors and CBUS I/O configuration.

• Fully integrated clock generation with no external crystal required plus optional clock output selection enabling a glue-less interface to external MCU or FPGA.

• Data transfer rates from 300 baud to 3 Mbaud (RS422, RS485, and RS232) at TTL levels.

• 512 byte receive buffer and 512 byte transmit buffer utilising buffer smoothing technology to allow for high data throughput.

• FTDI’s royalty-free Virtual Com Port (VCP) and Direct (D2XX) drivers eliminate the requirement for USB driver development in most cases.

• Configurable CBUS I/O pins.

• Transmit and receive LED drive signals.

• UART interface support for 7 or 8 data bits, 1 or 2 stop bits and odd / even / mark / space / no parity

• Synchronous and asynchronous bit bang interface options with RD# and WR# strobes.

• Configurable I/O pin output drive strength; 4 mA (min) and 16 mA (max).

• Integrated power-on-reset circuit.

• Fully integrated AVCC supply filtering - no external filtering required.

• UART signal inversion option.

• + 5V Single Supply Operation.

• Internal 3V3/1V8 LDO regulators

• Low operating and USB suspend current; 8mA (active-typ) and 70uA (suspend-typ).

• UHCI/OHCI/EHCI host controller compatible.

• USB 2.0 Full Speed compatible.

• Extended operating temperature range; -40 to 85⁰C.

• Available in compact Pb-free 16 pin SSOP and 16 pin QFN packages (both RoHS compliant).



Typical Applications

• USB to RS232/RS422/RS485 Converters

• Upgrading Legacy Peripherals to USB

• Utilising USB to add system modularity

• Incorporate USB interface to enable PC transfers for development system communication

• Cellular and Cordless Phone USB data transfer cables and interfaces

• Interfacing MCU/PLD/FPGA based designs to add USB connectivity

• USB Audio and Low Bandwidth Video data transfer

• USB Smart Card Readers

• USB Instrumentation

• USB Industrial Control

• USB MP3 Player Interface

• USB FLASH Card Reader and Writers

• Set Top Box PC - USB interface

• USB Digital Camera Interface

• USB Hardware Modems

• USB Wireless Modems

• USB Bar Code Readers

• USB dongle implementations for Software/Hardware Encryption and Wireless Modules

• Detection of dedicated charging port for battery charging at higher supply currents.



 




Similar Part No. - FT230X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT230X ETC2-FT230X Datasheet
816Kb / 44P
Future Technology Devices International Ltd.
logo
Future Technology Devic...
FT230X FTDI-FT230X Datasheet
1Mb / 40P
Single chip USB to asynchronous serial data transfer interface
logo
List of Unclassifed Man...
FT230XQ ETC2-FT230XQ Datasheet
1Mb / 28P
Introducing the FT-X Series of USB2.0 Full Speed Peripheral Solutions
FT230XQ ETC2-FT230XQ Datasheet
816Kb / 44P
Future Technology Devices International Ltd.
FT230XQ-R ETC2-FT230XQ-R Datasheet
816Kb / 44P
Future Technology Devices International Ltd.
More results


Similar Description - FT230X

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT232BQ FTDI-FT232BQ Datasheet
557Kb / 26P
USB UART ( USB - Serial) I.C.
FT232BL FTDI-FT232BL Datasheet
540Kb / 25P
USB UART ( USB - Serial) I.C.
FT232BM FTDI-FT232BM Datasheet
575Kb / 25P
USB UART ( USB - Serial) I.C.
FT232R FTDI-FT232R_10 Datasheet
774Kb / 43P
USB UART IC - Single chip USB to asynchronous serial data transfer interface
logo
List of Unclassifed Man...
UUSB-MB5 ETC2-UUSB-MB5 Datasheet
856Kb / 6P
USB to Serial UART Bridge Converter
logo
Future Technology Devic...
FT232BL_BQ FTDI-FT232BL_BQ Datasheet
1Mb / 34P
The FT232B is a USB to serial UART interface with the following advanced features
FT234XD FTDI-FT234XD Datasheet
695Kb / 37P
The FT234XD is a USB to serial UART interface with optimised packaging (3mm x 3mm 12 pin DFN) for smaller PCB designs and the following advanced features
logo
Integrated Silicon Solu...
IS31AP2036 ISSI-IS31AP2036 Datasheet
237Kb / 8P
Pulse Count Control serial interface
logo
List of Unclassifed Man...
CH340G ETC2-CH340G Datasheet
207Kb / 6P
USB to UART Interface
CH340G ETC-CH340G Datasheet
2Mb / 9P
USB to UART Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com