Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2142PZ Datasheet (PDF) - Analog Devices

SSM2142PZ Datasheet PDF - Analog Devices
Part # SSM2142PZ
Download  SSM2142PZ Download
File Size   676.08 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Balanced Line Driver

SSM2142PZ Datasheet (PDF)

Go To PDF Page Download Datasheet
SSM2142PZ Datasheet PDF - Analog Devices

Part # SSM2142PZ
Download  SSM2142PZ Click to download

File Size   676.08 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Balanced Line Driver

SSM2142PZ Datasheet (HTML) - Analog Devices


SSM2142PZ Product details

GENERAL DESCRIPTION
The SSM2142 is an integrated differential-output buffer amplifier that converts a single-ended input signal to a balanced output signal pair with high output drive.
   
FEATURES
    Transformer-Like Balanced Output
    Drives 10 V RMS Into a 600 Ω Load
    Stable When Driving Large Capacitive Loads and Long
        Cables
    Low Distortion
        0.006% typ 20 Hz–20 kHz, 10 V RMS into 600 Ω
    High Slew Rate
        15 V/μs typ
    Low Gain Error
        (Differential or Single-Ended); 0.7% typ
    Outputs Short-Circuit Protected
    Available In Space-Saving 8-Pin Mini-DIP Package
    Low Cost
   
APPLICATIONS
    Audio Mix Consoles
    Distribution Amplifiers
    Graphic and Parametric Equalizers
    Dynamic Range Processors
    Digital Effects Processors
    Telecommunications Systems
    Industrial Instrumentation
    Hi-Fi Equipment
   




Similar Part No. - SSM2142PZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2142PZ AD-SSM2142PZ Datasheet
676Kb / 8P
Balanced Line Driver
REV. C
More results


Similar Description - SSM2142PZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2142 AD-SSM2142 Datasheet
227Kb / 6P
Balanced Line Driver
REV.B
logo
Burr-Brown (TI)
DRV134 BURR-BROWN-DRV134 Datasheet
229Kb / 10P
AUDIO BALANCED LINE DRIVERS
logo
List of Unclassifed Man...
THAT1240 ETC-THAT1240 Datasheet
111Kb / 8P
Balanced Line Receiver ICs
THAT1420 ETC-THAT1420 Datasheet
120Kb / 8P
Balanced Line Drivers
logo
Burr-Brown (TI)
DRV134 BURR-BROWN-DRV134_06 Datasheet
186Kb / 12P
AUDIO BALANCED LINE DRIVERS
logo
Texas Instruments
DRV135UAG4 TI1-DRV135UAG4 Datasheet
830Kb / 20P
AUDIO BALANCED LINE DRIVERS
logo
Analog Devices
SSM2142SZ AD-SSM2142SZ Datasheet
676Kb / 8P
Balanced Line Driver
REV. C
SSM2142 AD-SSM2142_15 Datasheet
676Kb / 8P
Balanced Line Driver
REV. C
logo
Texas Instruments
DRV134 TI1-DRV134 Datasheet
1Mb / 30P
Audio-Balanced Line Drivers
logo
E&E Magnetic Products L...
824-00178F EEMAGNETIC-824-00178F Datasheet
145Kb / 2P
350mA balanced DC line current capability
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com