Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THAT1240 Datasheet (PDF) - List of Unclassifed Manufacturers

THAT1240 Datasheet PDF - List of Unclassifed Manufacturers
Part # THAT1240
Download  THAT1240 Download
File Size   111.9 Kbytes
Page   8 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Balanced Line Receiver ICs

THAT1240 Datasheet (PDF)

Go To PDF Page Download Datasheet
THAT1240 Datasheet PDF - List of Unclassifed Manufacturers

Part # THAT1240
Download  THAT1240 Click to download

File Size   111.9 Kbytes
Page   8 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Balanced Line Receiver ICs

THAT1240 Datasheet (HTML) - List of Unclassifed Manufacturers


THAT1240 Product details

[THAT-Corporation]



Description

The THAT 124x series of precision differential amplifiers are designed primarily for use as audio balanced line receivers. Gains of 0 db, -3 dB, and -6 dB are available to suit various applications requirements.



FEATURES

• High CMRR: typically 90dB at 60Hz

• Wide bandwidth and high slew rate

• Low distortion and low noise

• Available in 0 dB, -3 dB, and -6 dB versions

• Pin compatible with SSM2143 and INA137



APPLICATIONS

• Balanced Audio Line Receivers

• Summing Amplifiers

• Differential Amplifiers

• Current Shunt Monitors

• Ground Loop Eliminator




Similar Part No. - THAT1240

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THAT120 ETC1-THAT120 Datasheet
43Kb / 2P
Quad Low-Noise PNP Transistor Array
THAT1200 ETC1-THAT1200 Datasheet
157Kb / 10P
InGenius High-CMRR Balanced Input Line Receiver
THAT1203 ETC1-THAT1203 Datasheet
157Kb / 10P
InGenius High-CMRR Balanced Input Line Receiver
THAT1206 ETC1-THAT1206 Datasheet
157Kb / 10P
InGenius High-CMRR Balanced Input Line Receiver
More results


Similar Description - THAT1240

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2142 AD-SSM2142 Datasheet
227Kb / 6P
Balanced Line Driver
REV.B
logo
Burr-Brown (TI)
DRV134 BURR-BROWN-DRV134 Datasheet
229Kb / 10P
AUDIO BALANCED LINE DRIVERS
logo
List of Unclassifed Man...
THAT1420 ETC-THAT1420 Datasheet
120Kb / 8P
Balanced Line Drivers
logo
Mitsubishi Electric Sem...
M54654P MITSUBISHI-M54654P Datasheet
421Kb / 4P
QUADRUPLE LINE RECEIVER(BIPOLAR DIGITAL ICs)
logo
Agilent(Hewlett-Packard...
HCPL-1930 HP-HCPL-1930 Datasheet
229Kb / 12P
Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
logo
List of Unclassifed Man...
THAT1206 ETC1-THAT1206 Datasheet
157Kb / 10P
InGenius High-CMRR Balanced Input Line Receiver
logo
Analog Devices
SSM2142PZ AD-SSM2142PZ Datasheet
676Kb / 8P
Balanced Line Driver
REV. C
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2602 AVAGO-HCPL-2602 Datasheet
469Kb / 16P
High CMR Line Receiver Optocouplers Isolated line receiver
logo
Analog Devices
SSM2142SZ AD-SSM2142SZ Datasheet
676Kb / 8P
Balanced Line Driver
REV. C
SSM2142 AD-SSM2142_15 Datasheet
676Kb / 8P
Balanced Line Driver
REV. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com