Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THAT1240 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # THAT1240
Description  Balanced Line Receiver ICs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

THAT1240 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  THAT1240 Datasheet HTML 1Page - List of Unclassifed Manufacturers THAT1240 Datasheet HTML 2Page - List of Unclassifed Manufacturers THAT1240 Datasheet HTML 3Page - List of Unclassifed Manufacturers THAT1240 Datasheet HTML 4Page - List of Unclassifed Manufacturers THAT1240 Datasheet HTML 5Page - List of Unclassifed Manufacturers THAT1240 Datasheet HTML 6Page - List of Unclassifed Manufacturers THAT1240 Datasheet HTML 7Page - List of Unclassifed Manufacturers THAT1240 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 (508) 478-9200; Fax: +1 (508) 478-0990; Web: www.thatcorp.com
Rev. 04/29/02
Page 3
Preliminary Information
Electrical Characteristics (Cont’d)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Total Harmonic Distortion
THD
VIN-DIFF =10dBV;BW=20kHz;f=1kHz
RL =2k
W
—
0.0006
—
%
Output Noise
en(OUT)
BW=20kHz
THAT1240
—
-106
—
dBu
THAT1243
—
-107
—
dBu
THAT1246
—
-109
—
dBu
Slew Rate
SR
RL =2k
W;CL = 300 pF
7
12
—
V/µs
Small Signal Bandwidth
BW-3dB
RL =2k
W;CL =10pF
THAT1240
12
24
—
MHz
THAT1243
17
33
—
MHz
THAT1246
23
44
—
MHz
RL =2k
W;CL = 300 pF
THAT1240
11
17
—
MHz
THAT1243
13
18
—
MHz
THAT1246
14
20
—
MHz
Output Gain Error
GER(OUT)
f = 1 kHz
—
±0.03
±0.5
%
Output Voltage Swing
VO
RL =2k
W
±12.5
±13
—
V
Output Offset Voltage
VOFF
No signal
-7
0
+7
mV
Output Short Circuit Current
ISC
RL =0
W
—
±25
—
mA
Resistive Load
RLmin
——
2
k
W
Capacitive Load
CLmax
300
—
—
pF
R2
R1
R4
R3
Sense
Vout
Ref
Vcc
Vee
VCM
In+
In-
½Udiff
RL
½Udiff
~
~
~
Gain
R= R
9k
13
Ù
Ù
Ù
10.5 k
12 k
R= R
9k
24
Ù
Ù
Ù
7.5 k
6k
Part no.
b
a
CL
THAT1240
THAT1243
THAT1246
0dB
-3 dB
-6 dB
Figure 2. THAT1240 series test circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com