Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THAT1240 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # THAT1240
Description  Balanced Line Receiver ICs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

THAT1240 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  THAT1240 Datasheet HTML 1Page - List of Unclassifed Manufacturers THAT1240 Datasheet HTML 2Page - List of Unclassifed Manufacturers THAT1240 Datasheet HTML 3Page - List of Unclassifed Manufacturers THAT1240 Datasheet HTML 4Page - List of Unclassifed Manufacturers THAT1240 Datasheet HTML 5Page - List of Unclassifed Manufacturers THAT1240 Datasheet HTML 6Page - List of Unclassifed Manufacturers THAT1240 Datasheet HTML 7Page - List of Unclassifed Manufacturers THAT1240 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 (508) 478-9200; Fax: +1 (508) 478-0990; Web: www.thatcorp.com
Page 2
Balanced Line Receiver ICs
Preliminary Information
SPECIFICATIONS1
Absolute Maximum Ratings (T
A = 25°C)
Positive Supply Voltage (VCC)
+18 V
Power Dissipation (PD)(TA = 75°C)
TBD mW
Negative Supply Voltage (VEE)
-18 V
Operating Temperature Range (TOP)
0 to +70°C
Storage Temperature Range (TST)
-40 to +125°C
Junction Temperature (TJ)
150°C
Output Short-Circuit Duration (tSH)
Continuous
Lead Temperature (Soldering 60 seconds)
TBD °C
Positive Input Voltage (Ref, Sense)
+18 V
Negative Input Voltage (Ref, Sense)
-18 V
THAT1240
THAT1243
THAT1246
Positive Input Voltage (In+,In-)
Vcc x 2
Vcc x 2.4
Vcc x 3
Negative Input Voltage (In+, In-)
Vee x 2
Vee x 2.4
Vee x 3
Recommended Operating Conditions
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Positive Supply Voltage
VCC
+2.2
+18
V
Negative Supply Voltage
VEE
-2.2
-18
V
Electrical Characteristics2
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Current
ICC
No signal
2.1
3.4
mA
Input Voltage Range
VIN-DIFF
Differential (equal and opposite swing)
THAT1240 (0 dB gain)
21.5
dBu
3
THAT1243 (-3 dB gain)
24.5
dBu
THAT1246 (-6 dB gain)
27.5
dBu
VIN-CM
Common mode
THAT1240 (0 dB gain)
27.5
dBu
THAT1243 (-3 dB gain)
29.1
dBu
THAT1246 (-6 dB gain)
31.0
dBu
Input Impedance
4
ZIN-CM
Common mode (all versions)
9
k
W
ZIN-DIFF
Differential
THAT1240
18
k
W
THAT1243
21
k
W
THAT1246
24
k
W
Common Mode Rejection
CMR
Matched source impedances; VCM = ±10V
DC
70
90
dB
60 Hz
70
90
dB
20 kHz
85
dB
44 kHz
60
dB
Power Supply Rejection
5
PSR
At 60 Hz, with VCC =-VEE
THAT1240
82
dB
THAT1243
80
dB
1. All specifications are subject to change without notice.
2. Unless otherwise noted, T
A=25°C, VCC = +15V, VEE = -15V, Gain=-6dB
3. 0 dBu = 0.775Vrms.
4. See test circuit in Figure 2.
5. Defined with respect to differential gain.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com