Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THAT1240 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # THAT1240
Description  Balanced Line Receiver ICs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

THAT1240 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  THAT1240 Datasheet HTML 1Page - List of Unclassifed Manufacturers THAT1240 Datasheet HTML 2Page - List of Unclassifed Manufacturers THAT1240 Datasheet HTML 3Page - List of Unclassifed Manufacturers THAT1240 Datasheet HTML 4Page - List of Unclassifed Manufacturers THAT1240 Datasheet HTML 5Page - List of Unclassifed Manufacturers THAT1240 Datasheet HTML 6Page - List of Unclassifed Manufacturers THAT1240 Datasheet HTML 7Page - List of Unclassifed Manufacturers THAT1240 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Since R3=R4 in the THAT 1240, this equation
can be simplified to
a
In
R
=
++
()
ef
2
The output voltage would then be
Vout
a
R
R
=´ +
()
1
2
1
Since R2=R1, combining equations results in
Vout
In
R
=+ +
()
ef
Figure 6 shows a convenient method of driving a
typical audio ADC with balanced inputs. This circuit
accepts
+24
dBu
in,
and
using
a
pair
of
THAT 1246s, the signal level between their respective
outputs is +24 dBu. An attenuator network brings
the signal down another 24 dB while attenuating the
noise of the line receivers as well.
The output noise of a THAT 1246 is -109 dBu,
and since there are two of them, the total noise level
going into the resistive pad will be -106 dBu.
The
pad reduces the noise level to -130 dBu at the input
to the ADC. The noise density resulting from the line
receivers will therefore be
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 (508) 478-9200; Fax: +1 (508) 478-0990; Web: www.thatcorp.com
Rev. 04/29/02
Page 5
Preliminary Information
In Hi
In Lo
AIN- to ADC
AIN+ to ADC
R8
2k10
R9
249R
R19
2k10
C4
6n8
+24 dBu In
Vout
6
In+
3
In-
2
U1
THAT
1246
Vout
6
In+
3
In-
2
U2
3
2
1
U3A
4570
1/2 Vref of ADC
+24 dBu
Zero dBu Out
Ref
Sense
5
1
Ref
Sense
5
1
THAT
1246
Figure 6. Circuit for audio ADCs with balanced inputs
Vout
6
In+
3
In-
2
U1
1243
In Hi
In Lo
Out Hi
Out Lo
In
4
Gnd
3
Out-
1
Out+
8
U2
THAT1430
C1
100n
R1
1M0
R2
20k0
R4
5k1
R3
14k0
C2
22u
C3
22p
IN
1
8
OUT
U3
2180B
3
2
1
U4A
4570
VEE
VCC
VCC
VEE
Control Voltage
-3dB
+6dB
Vee
Cap2
Vcc
Cap1
6
7
2
5
GND
EC-
EC+
SYM
V-
V+
5
6
3
2
4
7
Sense
Ref
5
1
-3dB
Figure 7. Automated gain control of a balanced signal



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com