Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THAT1240 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # THAT1240
Description  Balanced Line Receiver ICs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

THAT1240 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  THAT1240 Datasheet HTML 1Page - List of Unclassifed Manufacturers THAT1240 Datasheet HTML 2Page - List of Unclassifed Manufacturers THAT1240 Datasheet HTML 3Page - List of Unclassifed Manufacturers THAT1240 Datasheet HTML 4Page - List of Unclassifed Manufacturers THAT1240 Datasheet HTML 5Page - List of Unclassifed Manufacturers THAT1240 Datasheet HTML 6Page - List of Unclassifed Manufacturers THAT1240 Datasheet HTML 7Page - List of Unclassifed Manufacturers THAT1240 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 (508) 478-9200; Fax: +1 (508) 478-0990; Web: www.thatcorp.com
Page 6
Balanced Line Receiver ICs
Preliminary Information
en line receiver
kHz
nV
Hz
dBu
==
-
´
10
0775
20
130
20
173
()
,
.
The noise of the 249
W resistor is 2.05 nV/ÖHz.
We can assume that the noise contribution of R8 and
R19 will be negligible, and therefore, the total noise
density going into the input of the ADC will be
entotal
nV
Hz
nV
Hz
nV
Hz
=+
=
(.
)
( .
)
.
173
2 06
2 68
22
The noise floor can then be calculated to be
Noise
dB
dBu
kHz
nV
Hz
=
é
ë
ê
ê
ù
û
ú
ú
=-
´
20
126 2
268
20
0775
log
.
.
.
u
Figure 7 shows an excellent method for control-
ling gain in a balanced system.
There is often a
temptation in these systems to keep the signal bal-
anced and use two VCAs to independently control the
gain on each half of the balanced signal.
Unfortu-
nately, this can results in common mode to differen-
tial mode conversion (degradation of CMRR) when
there are even slight differences in gain between the
VCAs. A better approach is to convert the signal to
single-ended, alter the gain, and then convert back to
balanced.
In Figure 7 we use a THAT 1243 -3 dB line re-
ceiver to do the balanced to single-ended conversion.
The VCA section also has a static gain of -3 dB due to
the ratio of R2 and R3.
This circuit can accept
24 dBu, since the THAT 1243 output stage is capable
of 21 dBu without distortion. Reducing R3 to 14 k
W
results in a 3 dB reduction in VCA output noise.
This arrangement results in 3 dB greater dynamic
range compared to the case where a -6 dB line re-
ceiver and a VCA with zero dB static gain are used.
After the VCA, the signal is restored to 24 dBu by the
THAT 1430.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com