Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVALST7590-1 Datasheet (PDF) - STMicroelectronics

EVALST7590-1 Datasheet PDF - STMicroelectronics
Part # EVALST7590-1
Download  EVALST7590-1 Download
File Size   620.01 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Narrow-band OFDM power line networking PRIME compliant system-on-chip

EVALST7590-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
EVALST7590-1 Datasheet PDF - STMicroelectronics

Part # EVALST7590-1
Download  EVALST7590-1 Click to download

File Size   620.01 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Narrow-band OFDM power line networking PRIME compliant system-on-chip

EVALST7590-1 Datasheet (HTML) - STMicroelectronics


EVALST7590-1 Product details

Description
ST7590 is the first complete Narrowband OFDM power line communication system-on-chip made using a multi-power technology with state of the art VLSI CMOS lithography. The ST7590 is based on dual core architecture to assure outstanding communication performance with a very high level of flexibility and programmability for either open standard or fully customized implementations. QFN-48 (7 x 7 mm) 41&0

Features
■ Fully integrated narrow-band power line networking system-on-chip
■ High performing DSP engine with embedded turn-key firmware for Orthogonal frequency division multiplexing (OFDM) modulation, featuring: – 96 sub-carriers in CENELEC A band – BDPSK, QDPSK, 8DPSK programmable modulations – Programmable bit rate up to 128 kbps – Convolutional coding and Viterbi decoding – Signal to noise ratio and channel quality estimation – Full PRIME compliant PHY
■ On chip peripherals: – Host controller UART/SPI interface – I2C/SPI external data memory interface – High speed SRAM controller for optional external SRAM program code execution – Watchdog timer
■ On chip 128 bit AES encryption HW block
■ Fully integrated analog front end: – ADC and DAC – High sensitivity receiver – High linearity transmitter with intelligent gain control
■ Fully integrated power line driver – Up to 1 Arms, 14 Vpp single ended – Configurable active filtering topology – Ultra low distortion – Embedded temperature sensor – Current control
■ 3.3 V or 5 V I/O digital I/O supply
■ Integrated 5 V and 1.8 V linear regulators for AFE and digital core supply
■ 8 V to 18 V line driver power supply
■ Suitable for applications compliant with EN50065 and FCC part 15 specifications
■ -40 °C to +85 °C temperature range
■ QFN48 7x7 (ST7590) and TQFP 100 14x14 (ST7590T) exposed pad package options




Similar Part No. - EVALST7590-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVALSTDRIVE101 STMICROELECTRONICS-EVALSTDRIVE101 Datasheet
959Kb / 13P
STDRIVE101 demonstration board for three-phase brushless motors
Oct-2020
EVALSTGAP2SICSC STMICROELECTRONICS-EVALSTGAP2SICSC Datasheet
5Mb / 14P
Demonstration board for STGAP2SiCSC isolated 4 A single gate driver
Oct-2020
EVALSTGAP2SM STMICROELECTRONICS-EVALSTGAP2SM Datasheet
761Kb / 12P
Demonstration board for STGAP2SM isolated 4 A single gate driver
26-Oct-2018
EVALSTISO62XV1 STMICROELECTRONICS-EVALSTISO62XV1 Datasheet
509Kb / 6P
Dual channel digital isolator evaluation board
26-Nov-2020
EVALSTPM-3PHISO STMICROELECTRONICS-EVALSTPM-3PHISO Datasheet
291Kb / 4P
Three-phase full shunt electricity meter evaluation board based on STPMS2, STISO621W and STM32F413RH
Rev 1 - October 2020
More results


Similar Description - EVALST7590-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE8165 AD-ADE8165 Datasheet
58Kb / 2P
Narrow-Band Power-Line Communications Master Modem IC with Networking Stack
Rev. Sp0
logo
STMicroelectronics
ST7570 STMICROELECTRONICS-ST7570 Datasheet
441Kb / 26P
S-FSK power line networking system-on-chip
24-Sep-2012
ST7580 STMICROELECTRONICS-ST7580 Datasheet
830Kb / 33P
FSK, PSK multi-mode power line networking system-on-chip
26-Jan-2012
ST7590 STMICROELECTRONICS-ST7590 Datasheet
620Kb / 24P
Narrow-band OFDM power line networking PRIME compliant system-on-chip
19-Oct-2011
EVALKITST7580-1 STMICROELECTRONICS-EVALKITST7580-1 Datasheet
136Kb / 4P
ST7580 power line networking system-on-chip demonstration kit
15-Feb-2012
ST7570TR STMICROELECTRONICS-ST7570TR Datasheet
441Kb / 26P
S-FSK power line networking system-on-chip
24-Sep-2012
AN3213 STMICROELECTRONICS-AN3213 Datasheet
2Mb / 64P
ST7570 S-FSK power line networking system-on-chip
11-Oct-2010
AN4444 STMICROELECTRONICS-AN4444 Datasheet
3Mb / 68P
ST7590 PRIME compliant power line networking SoC design guide
30-Oct-2014
UM0934 STMICROELECTRONICS-UM0934 Datasheet
1Mb / 113P
ST7570 S-FSK power line networking System-on-Chip
20-Sep-2011
logo
Microchip Technology
PL485 MICROCHIP-PL485 Datasheet
742Kb / 22P
Programmable Narrow-Band Power Line Communication (NB-PLC) system on chip
03/2020 Rev B
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com