Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC256ISNG Datasheet (PDF) - Microchip Technology

24LC256ISNG Datasheet PDF - Microchip Technology
Part # 24LC256ISNG
Download  24LC256ISNG Download
File Size   1254.13 Kbytes
Page   42 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 256K I2C??CMOS Serial EEPROM

24LC256ISNG Datasheet (PDF)

Go To PDF Page Download Datasheet
24LC256ISNG Datasheet PDF - Microchip Technology

Part # 24LC256ISNG
Download  24LC256ISNG Click to download

File Size   1254.13 Kbytes
Page   42 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 256K I2C??CMOS Serial EEPROM

24LC256ISNG Datasheet (HTML) - Microchip Technology


24LC256ISNG Product details

The Microchip Technology Inc. 24AA256/24LC256/24FC256 (24XX256*) is a 32K x 8 (256 Kbit) Serial Electrically Erasable PROM, capable of operation across a broad voltage range (1.8V to 5.5V). It has been developed for advanced, low-power applications such as personal communications or data acquisition.



Features

• Low-power CMOS technology:

- Maximum write current 3 mA at 5.5V

- Maximum read current 400μA at 5.5V

- Standby current 100 nA, typical at 5.5V

• 2-wire serial interface bus, I2C™compatible

• Cascadable for up to eight devices

• Self-timed erase/write cycle

• 64-byte Page Write mode available

• 5 ms max. write cycle time

• Hardware write-protect for entire array

• Output slope control to eliminate ground bounce

• Schmitt Trigger inputs for noise suppression

• 1,000,000 erase/write cycles

• Electrostatic discharge protection > 4000V

• Data retention > 200 years

• 8-pin PDIP, SOIC, TSSOP, MSOP and DFN packages, 14-lead TSSOP package

• Pb-free finishes available

• Temperature ranges:

- Industrial (I): -40°C to +85°C

- Automotive (E): -40°C to +125°C




Similar Part No. - 24LC256ISNG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC256ISN MICROCHIP-24LC256ISN Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24LC256ISN MICROCHIP-24LC256ISN Datasheet
1Mb / 42P
256K IC CMOS Serial EEPROM
11/29/12
More results


Similar Description - 24LC256ISNG

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC256 CATALYST-CAT24WC256 Datasheet
406Kb / 10P
256K-Bit I2C Serial CMOS EEPROM
CAT24FC256 CATALYST-CAT24FC256 Datasheet
421Kb / 12P
256K-Bit I2C Serial CMOS EEPROM
CAT24FC256 CATALYST-CAT24FC256_05 Datasheet
641Kb / 12P
256K-Bit I2C Serial CMOS EEPROM
logo
Microchip Technology
24AA256 MICROCHIP-24AA256_05 Datasheet
481Kb / 26P
256K I2C CMOS Serial EEPROM
2005
24LC256 MICROCHIP-24LC256 Datasheet
700Kb / 34P
256K I2C??CMOS Serial EEPROM
2010
24FC256ISN MICROCHIP-24FC256ISN Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24LC256ISN MICROCHIP-24LC256ISN Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24LC256TISM MICROCHIP-24LC256TISM Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24AA256 MICROCHIP-24AA256_13 Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24AA256-I MICROCHIP-24AA256-I Datasheet
700Kb / 34P
256K I2C CMOS Serial EEPROM
01/05/10
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com