Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT24WC256 Datasheet (PDF) - Catalyst Semiconductor

CAT24WC256 Datasheet PDF - Catalyst Semiconductor
Part # CAT24WC256
Download  CAT24WC256 Download
File Size   406.54 Kbytes
Page   10 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description 256K-Bit I2C Serial CMOS EEPROM

CAT24WC256 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT24WC256 Datasheet PDF - Catalyst Semiconductor

Part # CAT24WC256
Download  CAT24WC256 Click to download

File Size   406.54 Kbytes
Page   10 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description 256K-Bit I2C Serial CMOS EEPROM

CAT24WC256 Datasheet (HTML) - Catalyst Semiconductor


CAT24WC256 Product details

DESCRIPTION

The CAT24WC256 is a 256K-bit Serial CMOS EEPROM internally organized as 32,768 words of 8 bits each. Catalyst’s advanced CMOS technology substantially reduces device power requirements. The CAT24WC256 features a 64-byte page write buffer. The device operates via the I2C bus serial interface and is available in 8-pin DIP or 8-pin SOIC packages.



FEATURES

■ 1MHz I2C bus compatible*

■ 1.8 to 6 volt operation

■ Low power CMOS technology

■ 64-byte page write buffer

■ Self-timed write cycle with auto-clear

■ Commercial, industrial and automotive temperature ranges

■ Write protect feature

   – entire array protected when WP at VIH

■ 100,000 program/erase cycles

■ 100 year data retention

■ 8-pin DIP or 8-pin SOIC

■ "Green" package options available



 




Similar Part No. - CAT24WC256

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC257 CATALYST-CAT24WC257 Datasheet
417Kb / 10P
256K-Bit I2C Serial CMOS EEPROM
CAT24WC257J-1.8TE13 CATALYST-CAT24WC257J-1.8TE13 Datasheet
417Kb / 10P
256K-Bit I2C Serial CMOS EEPROM
CAT24WC257J3TE13 CATALYST-CAT24WC257J3TE13 Datasheet
417Kb / 10P
256K-Bit I2C Serial CMOS EEPROM
CAT24WC257JA-1.8TE13 CATALYST-CAT24WC257JA-1.8TE13 Datasheet
417Kb / 10P
256K-Bit I2C Serial CMOS EEPROM
CAT24WC257JA3TE13 CATALYST-CAT24WC257JA3TE13 Datasheet
417Kb / 10P
256K-Bit I2C Serial CMOS EEPROM
More results


Similar Description - CAT24WC256

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24FC256 CATALYST-CAT24FC256 Datasheet
421Kb / 12P
256K-Bit I2C Serial CMOS EEPROM
CAT24WC257 CATALYST-CAT24WC257 Datasheet
417Kb / 10P
256K-Bit I2C Serial CMOS EEPROM
CAT24FC256 CATALYST-CAT24FC256_05 Datasheet
641Kb / 12P
256K-Bit I2C Serial CMOS EEPROM
logo
Microchip Technology
24LC256 MICROCHIP-24LC256 Datasheet
700Kb / 34P
256K I2C??CMOS Serial EEPROM
2010
24FC256ISN MICROCHIP-24FC256ISN Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24LC256ISN MICROCHIP-24LC256ISN Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24LC256ISNG MICROCHIP-24LC256ISNG Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24LC256TISM MICROCHIP-24LC256TISM Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24AA256 MICROCHIP-24AA256_13 Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24AA256-I MICROCHIP-24AA256-I Datasheet
700Kb / 34P
256K I2C CMOS Serial EEPROM
01/05/10
More results




About Catalyst Semiconductor


Catalyst Semiconductor, Inc. was a semiconductor company that specialized in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1985 and was headquartered in Santa Clara, California, USA. In 2008, Catalyst Semiconductor was acquired by ON Semiconductor Corporation.

Catalyst Semiconductor's product portfolio included a range of analog ICs, such as non-volatile memory products, DC-DC converters, LED drivers, and motor controllers. These products were used in a variety of applications, including consumer electronics, automotive, medical devices, and industrial equipment.

One of Catalyst Semiconductor's key areas of expertise was in the design of non-volatile memory products. The company's non-volatile memory products included serial EEPROMs, parallel EEPROMs, and nvSRAMs (non-volatile static random access memory). These products offered high reliability, low power consumption, and high-speed read and write operations, making them well-suited to a wide range of applications.

Overall, Catalyst Semiconductor was a well-established player in the analog IC industry, with a reputation for producing high-quality products that met the needs of a diverse range of customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com