Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5064G Datasheet (PDF) - ON Semiconductor

2N5064G Datasheet PDF - ON Semiconductor
Part # 2N5064G
Download  2N5064G Download
File Size   124.39 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description SILICON CONTROLLED RECTIFIERS 0.8 A RMS, 30 ??200 V

2N5064G Datasheet (PDF)

Go To PDF Page Download Datasheet
2N5064G Datasheet PDF - ON Semiconductor

Part # 2N5064G
Download  2N5064G Click to download

File Size   124.39 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description SILICON CONTROLLED RECTIFIERS 0.8 A RMS, 30 ??200 V

2N5064G Datasheet (HTML) - ON Semiconductor


2N5064G Product details

Sensitive Gate Silicon Controlled Rectifiers
Reverse Blocking Thyristors

Annular PNPN devices designed for high volume consumer applications such as relay and lamp drivers, small motor controls, gate drivers for larger thyristors, and sensing and detection circuits. Supplied in an inexpensive plastic TO−92/TO-226AA package which is readily adaptable for use in automatic insertion equipment.

Features
• Sensitive Gate Trigger Current − 200μA Maximum
• Low Reverse and Forward Blocking Current − 50μA Maximum,
    TC = 110°C
• Low Holding Current − 5 mA Maximum
• Passivated Surface for Reliability and Uniformity
• These are Pb−Free Devices




Similar Part No. - 2N5064G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5064G ONSEMI-2N5064G Datasheet
116Kb / 7P
Sensitive Gate Silicon Controlled Rectifiers
September, 2011 ??Rev. 10
2N5064G ONSEMI-2N5064G Datasheet
116Kb / 7P
Sensitive Gate Silicon Controlled Rectifiers
September, 2011 - Rev. 10
More results


Similar Description - 2N5064G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BRX44 MOTOROLA-BRX44 Datasheet
82Kb / 4P
SCRs 0.8 AMPERE RMS 30 TO 400 VOLTS
BRY55 MOTOROLA-BRY55 Datasheet
88Kb / 4P
SCRs 0.8 AMPERE RMS 30 TO 600 VOLTS
MAC08BT1 MOTOROLA-MAC08BT1 Datasheet
205Kb / 5P
TRIAC 0.8 AMPERE RMS 200 thru 600 Volts
MCR08BT1 MOTOROLA-MCR08BT1 Datasheet
294Kb / 6P
SCR 0.8 AMPERE RMS 200 thru 600 Volts
logo
Central Semiconductor C...
CS55B CENTRAL-CS55B Datasheet
125Kb / 2P
SILICON CONTROLLED RECTIFIER 0.8 AMPS, 200 AND 400 VOLTS
CS55BZ CENTRAL-CS55BZ Datasheet
126Kb / 2P
SILICON CONTROLLED RECTIFIER 0.8 AMPS, 200 AND 400 VOLTS
CS92B CENTRAL-CS92B Datasheet
71Kb / 2P
SILICON CONTROLLED RECTIFIER 0.8 AMP, 200 THRU 800 VOLTS
2N5060 CENTRAL-2N5060 Datasheet
76Kb / 2P
SILICON CONTROLLED RECTIFIER 0.8 AMP, 30 THRU 200 VOLTS
logo
First Components Intern...
FCR100-6 FCI-FCR100-6 Datasheet
503Kb / 2P
0.8 Amp Silicon Controlled rectifiers
FCR0840 FCI-FCR0840 Datasheet
144Kb / 2P
0.8 Amp Silicon Controlled Rectifiers
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com