Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303VB Datasheet (PDF) - STMicroelectronics

STM32F303VB Datasheet PDF - STMicroelectronics
Part # STM32F303VB
Download  STM32F303VB Download
File Size   2061.65 Kbytes
Page   133 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash48KB SRAM

STM32F303VB Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32F303VB Datasheet PDF - STMicroelectronics

Part # STM32F303VB
Download  STM32F303VB Click to download

File Size   2061.65 Kbytes
Page   133 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash48KB SRAM

STM32F303VB Datasheet (HTML) - STMicroelectronics


STM32F303VB Product details

Description
The STM32F302xB/STM32F302xC family is based on the high-performance ARM® Cortex®-M4 32-bit RISC core with FPU operating at a frequency of up to 72 MHz, and embedding a floating point unit (FPU), a memory protection unit (MPU) and an embedded trace macrocell (ETM). The family incorporates high-speed embedded memories (up to 256 Kbytes of Flash memory, up to 40 Kbytes of SRAM) and an extensive range of enhanced I/Os and peripherals connected to two APB buses.

Features
• Core: ARM® Cortex®-M4 32-bit CPU with FPU (72 MHz max), single-cycle multiplication and HW division, DSP instruction and MPU (memory protection unit)
• Operating conditions:
    – VDD, VDDA voltage range: 2.0 V to 3.6 V
• Memories
    – 128 to 256 Kbytes of Flash memory
    – Up to 40 Kbytes of SRAM, with HW parity check implemented on the first 16 Kbytes.
• CRC calculation unit
• Reset and supply management
    – Power-on/Power-down reset (POR/PDR)
    – Programmable voltage detector (PVD)
    – Low-power modes: Sleep, Stop and Standby
    – VBAT supply for RTC and backup registers
• Clock management
    – 4 to 32 MHz crystal oscillator
    – 32 kHz oscillator for RTC with calibration
    – Internal 8 MHz RC with x 16 PLL option
    – Internal 40 kHz oscillator
• Up to 87 fast I/Os
    – All mappable on external interrupt vectors
    – Several 5 V-tolerant
• Interconnect matrix
• 12-channel DMA controller
• Two ADCs 0.20 µS (up to 17 channels) with selectable resolution of 12/10/8/6 bits, 0 to 3.6 V conversion range, single ended/differential input, separate analog supply from 2 to 3.6 V
• One 12-bit DAC channel with analog supply from 2.4 to 3.6 V
• Four fast rail-to-rail analog comparators with analog supply from 2 to 3.6 V
• Two operational amplifiers that can be used in PGA mode, all terminals accessible with analog supply from 2.4 to 3.6 V
• Up to 24 capacitive sensing channels supporting touchkey, linear and rotary touch sensors
• Up to 11 timers
    – One 32-bit timer and two 16-bit timers with up to 4 IC/OC/PWM or pulse counter and quadrature (incremental) encoder input
    – One 16-bit 6-channel advanced-control timer, with up to 6 PWM channels, deadtime generation and emergency stop
    – One 16-bit timer with 2 IC/OCs, 1 OCN/PWM, deadtime generation and emergency stop
    – Two 16-bit timers with IC/OC/OCN/PWM, deadtime generation and emergency stop
    – Two watchdog timers (independent, window)
    – SysTick timer: 24-bit downcounter
    – One 16-bit basic timer to drive the DAC
• Calendar RTC with Alarm, periodic wakeup from Stop/Standby
• Communication interfaces
    – CAN interface (2.0B Active)
    – Two I2C Fast mode plus (1 Mbit/s) with 20 mA current sink, SMBus/PMBus, wakeup from STOP
    – Up to five USART/UARTs (ISO 7816 interface, LIN, IrDA, modem control)
    – Up to three SPIs, two with multiplexed half/full duplex I2S interface, 4 to 16 programmable bit frames
    – USB 2.0 full speed interface
    – Infrared transmitter
• Serial wire debug, Cortex®-M4 with FPU ETM, JTAG
• 96-bit unique ID




Similar Part No. - STM32F303VB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F303VB STMICROELECTRONICS-STM32F303VB Datasheet
2Mb / 148P
ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
May 2016 Rev 13
More results


Similar Description - STM32F303VB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F415XX STMICROELECTRONICS-STM32F415XX Datasheet
5Mb / 186P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM
04-Jun-2013
STM32F303VCT6 STMICROELECTRONICS-STM32F303VCT6 Datasheet
1Mb / 132P
ARM Cortex-M4 32b MCUFPU, up to 256KB Flash48KB SRAM 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V operation
24-Jun-2013
STM32F373VCT6 STMICROELECTRONICS-STM32F373VCT6 Datasheet
2Mb / 128P
ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers, 4 ADCs (12/16-bit), 3 DACs, 2 comp., 2.0-3.6 V operation
21-Dec-2012
STM32F372XX STMICROELECTRONICS-STM32F372XX Datasheet
2Mb / 128P
ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
21-Dec-2012
STM32F373CCT6 STMICROELECTRONICS-STM32F373CCT6 Datasheet
1Mb / 131P
ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM timers, 4 ADCs (12/16-bit), 3 DACs, 2 comp., 2.0-3.6 V operation
19-Sep-2013
STM32F372VBT6 STMICROELECTRONICS-STM32F372VBT6 Datasheet
1Mb / 131P
ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM
19-Sep-2013
STM32F407ZET6 STMICROELECTRONICS-STM32F407ZET6 Datasheet
2Mb / 167P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM
24-Jan-2012
STM32F415ZGT6 STMICROELECTRONICS-STM32F415ZGT6 Datasheet
5Mb / 186P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash
04-Jun-2013
STM32F722IC STMICROELECTRONICS-STM32F722IC Datasheet
3Mb / 229P
Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
April 2020 Rev 6
logo
Analog Devices
MAX32662 AD-MAX32662 Datasheet
1Mb / 80P
Arm Cortex-M4 Processor with FPU-Based Microcontroller (MCU) with 256KB Flash and 80KB SRAM
Rev 0; 1/23
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com