Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8338 Datasheet (PDF) - Analog Devices

AD8338 Datasheet PDF - Analog Devices
Part # AD8338
Download  AD8338 Download
File Size   406.13 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, 18 MHz Variable Gain Amplifier

AD8338 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8338 Datasheet PDF - Analog Devices

Part # AD8338
Download  AD8338 Click to download

File Size   406.13 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, 18 MHz Variable Gain Amplifier

AD8338 Datasheet (HTML) - Analog Devices


AD8338 Product details

GENERAL DESCRIPTION

The AD8338 is a variable gain amplifier (VGA) for applications that require a fully differential signal path, low power, low noise, and a well-defined gain over frequencies from LF to 18 MHz. The device can also operate using single-ended sources if required. The basic gain function is linear-in-dB with a nominal gain range of 0 dB to 80 dB; the nominal gain range corresponds to a control voltage on the GAIN pin of 0.1 V to 1.1 V. The gain range can be adjusted up or down via direct access to the internal summing nodes at the INPD and INMD pins. For example, if a 47 Ω resistor is applied to the INPD and INMD pins, a gain range of 20 dB to 100 dB is set with an input referred noise level of 1.5 nV√Hz.



FEATURES

Voltage controlled gain range of 0 dB to 80 dB

3 mA supply current at gain of 40 dB

Low frequency (LF) to 18 MHz operation

Supply range: 3.0 V to 5.0 V

Adjustable gain range

Low noise: 4.5 nV/√Hz

Fully differential signal path

Offset correction (offset null) feature

Adjustable bandwidth

Internal 1.5 V reference

16-lead LFCSP

Automatic gain control feature

Wide gain range for high dynamic range signals



APPLICATIONS

Front end for inductive telemetry systems

Ultrasonic signal receivers

RF baseband signal conditioning




Similar Part No. - AD8338

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8338 AD-AD8338 Datasheet
462Kb / 19P
Low Power, 18 MHz Variable Gain Amplifier
6/2016-Rev. A to Rev. B
AD8338-EVALZ AD-AD8338-EVALZ Datasheet
462Kb / 19P
Low Power, 18 MHz Variable Gain Amplifier
6/2016-Rev. A to Rev. B
AD8338ACPZ-R7 AD-AD8338ACPZ-R7 Datasheet
462Kb / 19P
Low Power, 18 MHz Variable Gain Amplifier
6/2016-Rev. A to Rev. B
AD8338ACPZ-RL AD-AD8338ACPZ-RL Datasheet
462Kb / 19P
Low Power, 18 MHz Variable Gain Amplifier
6/2016-Rev. A to Rev. B
AD8338 AD-AD8338_16 Datasheet
462Kb / 19P
Low Power, 18 MHz Variable Gain Amplifier
6/2016-Rev. A to Rev. B
More results


Similar Description - AD8338

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5523 NSC-CLC5523 Datasheet
154Kb / 12P
Low-Power, Variable Gain Amplifier
logo
Analog Devices
AD603 AD-AD603 Datasheet
219Kb / 14P
Low Noise, 90 MHz Variable-Gain Amplifier
AD8330 AD-AD8330 Datasheet
681Kb / 28P
Low Cost DC-150 MHz Variable Gain Amplifier
4/03-Data Sheet changed from REV. 0 to REV. A.
logo
National Semiconductor ...
LMH6504 NSC-LMH6504 Datasheet
759Kb / 19P
Wideband, Low Power, Variable Gain Amplifier
logo
Analog Devices
AD603 AD-AD603_05 Datasheet
605Kb / 20P
Low Noise, 90 MHz Variable Gain Amplifier
3/05-Rev. F to Rev. G
AD603 AD-AD603_07 Datasheet
551Kb / 24P
Low Noise, 90 MHz Variable Gain Amplifier
Rev. H
logo
Texas Instruments
LMH6504 TI1-LMH6504_14 Datasheet
1Mb / 29P
Wideband, Low Power, Variable Gain Amplifier
logo
Analog Devices
AD603 AD-AD603_15 Datasheet
994Kb / 25P
Low Noise, 90 MHz Variable Gain Amplifier
Rev. K
AD603 AD-AD603_17 Datasheet
815Kb / 25P
Low Noise, 90 MHz Variable Gain Amplifier
4/12-Rev. J to Rev. K
AD8338 AD-AD8338_16 Datasheet
462Kb / 19P
Low Power, 18 MHz Variable Gain Amplifier
6/2016-Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com