Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8330 Datasheet (PDF) - Analog Devices

AD8330 Datasheet PDF - Analog Devices
Part # AD8330
Download  AD8330 Download
File Size   681.9 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost DC-150 MHz Variable Gain Amplifier

AD8330 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8330 Datasheet PDF - Analog Devices

Part # AD8330
Download  AD8330 Click to download

File Size   681.9 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost DC-150 MHz Variable Gain Amplifier

AD8330 Datasheet (HTML) - Analog Devices


AD8330 Product details

GENERAL DESCRIPTION

The AD83301 is a wideband variable gain amplifier for applications requiring a fully differential signal path, low noise, well-defined gain, and moderately low distortion, from dc to 150 MHz. The input pins can also be driven from a single-ended source. The peak differential input is ±2 V, allowing sine wave operation at 1 V rms with generous headroom. The output pins can drive single-sided loads essentially rail-to-rail. The differential output resistance is 150 Ω.



FEATURES

Fully differential signal path, also used with single-sided signals

Inputs from 0.3 mV to 1 V rms, rail-to-rail outputs

Differential RIN= 1 kΩ; ROUT(each output) 75 Ω

Automatic offset compensation (optional)

Linear-in-dB and linear-in-magnitude gain modes

   0 dB to 50 dB, for 0 V < VDBS< 1.5 V (30 mV/dB)

Inverted gain mode: 50 dB to 0 dB at −30 mV/dB

×0.03 to ×10 nominal gain for 15 mV < VMAG< 5 V

Constant bandwidth: 150 MHz at all gains

Low noise: 5 nV/√Hz typical at maximum gain

Low distortion: ≤−62 dBc typical

Low power: 20 mA typical at VSof 2.7 V to 6 V

Available in a space-saving, 3 mm × 3 mm LFCSP package



APPLICATIONS

Pre-ADC signal conditioning

75 Ω cable driving adjust

AGC amplifiers




Similar Part No. - AD8330

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8330 AD-AD8330 Datasheet
1Mb / 36P
Low Cost, DC to 150 MHz Variable Gain Amplifier
REV. D
AD8330 AD-AD8330 Datasheet
1Mb / 32P
Variable Gain Amplifier
5/2016-Rev. G to Rev. H
AD8330-EVAL AD-AD8330-EVAL Datasheet
728Kb / 32P
Low Cost DC to 150 MHz Variable Gain Amplifier
6/06-Rev. B to Rev. C
AD8330-EVAL AD-AD8330-EVAL Datasheet
1Mb / 36P
Low Cost, DC to 150 MHz Variable Gain Amplifier
REV. D
AD8330-EVALZ AD-AD8330-EVALZ Datasheet
1Mb / 36P
Low Cost, DC to 150 MHz Variable Gain Amplifier
REV. D
More results


Similar Description - AD8330

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD603 AD-AD603 Datasheet
219Kb / 14P
Low Noise, 90 MHz Variable-Gain Amplifier
AD8335 AD-AD8335 Datasheet
708Kb / 24P
Quad Low Noise, Low Cost Variable Gain Amplifier
9/04-Revision 0
AD603 AD-AD603_05 Datasheet
605Kb / 20P
Low Noise, 90 MHz Variable Gain Amplifier
3/05-Rev. F to Rev. G
AD8330 AD-AD8330_06 Datasheet
728Kb / 32P
Low Cost DC to 150 MHz Variable Gain Amplifier
6/06-Rev. B to Rev. C
AD603 AD-AD603_07 Datasheet
551Kb / 24P
Low Noise, 90 MHz Variable Gain Amplifier
Rev. H
AD8330 AD-AD8330_08 Datasheet
1Mb / 36P
Low Cost, DC to 150 MHz Variable Gain Amplifier
REV. D
AD8338 AD-AD8338 Datasheet
406Kb / 16P
Low Power, 18 MHz Variable Gain Amplifier
REV. 0
AD603 AD-AD603_15 Datasheet
994Kb / 25P
Low Noise, 90 MHz Variable Gain Amplifier
Rev. K
AD8335 AD-AD8335_15 Datasheet
900Kb / 28P
Quad Low Noise, Low Cost Variable Gain Amplifier
REV. B
AD8338 AD-AD8338_16 Datasheet
462Kb / 19P
Low Power, 18 MHz Variable Gain Amplifier
6/2016-Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com