Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8335 Datasheet (PDF) - Analog Devices

AD8335 Datasheet PDF - Analog Devices
Part # AD8335
Download  AD8335 Download
File Size   708.86 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad Low Noise, Low Cost Variable Gain Amplifier

AD8335 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8335 Datasheet PDF - Analog Devices

Part # AD8335
Download  AD8335 Click to download

File Size   708.86 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad Low Noise, Low Cost Variable Gain Amplifier

AD8335 Datasheet (HTML) - Analog Devices


AD8335 Product details

GENERAL DESCRIPTION

The AD8335 is a quad variable gain amplifier (VGA) with low noise preamplifier intended for cost and power sensitive applications. Each channel features a gain range 48 dB, fully differential signal paths, active input preamplifier matching, and user-selectable maximum gains of 46 dB and 38 dB. Individual gain controls are provided for each channel.



FEATURES

   Low noise preamplifier (PrA)

   Voltage noise = 1.3 nV/√Hz typical

   Current noise = 2.4 pA/√Hz typical

   NF = 7 dB (RS = RIN = 50 Ω)

   Single-ended input; VIN max = 625 mV p-p

   Active input match

  Input SNR (noise bandwidth = 20 MHz) = 92 dB

VGA

   Differential output

   VOUT max = 5 V p-p, RL = 500 Ω differential

   Gain range (8 dB output gain step)

   −10 dB to +38 dB—LO gain mode

   −2 dB to +46 dB—HI gain mode

   Accurate linear-in-dB gain control

PrA + VGA performance

   −3 dB bandwidth of 70 MHz

   Excellent overload performance

Supply: 5 V

Power consumption

   95 mW/channel (380 mW total)

   65 mW/channel (PrA off; 260 mW total)

Power-down



APPLICATIONS

Medical imaging (ultrasound, gamma cameras)

Sonar

Test and measurement

Precise, stable wideband gain control




Similar Part No. - AD8335

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8335 AD-AD8335_15 Datasheet
900Kb / 28P
Quad Low Noise, Low Cost Variable Gain Amplifier
REV. B
More results


Similar Description - AD8335

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2294 UMS-CHA2294 Datasheet
123Kb / 6P
35-40GHz Low Noise, Variable Gain Amplifier
logo
Analog Devices
AD603 AD-AD603 Datasheet
219Kb / 14P
Low Noise, 90 MHz Variable-Gain Amplifier
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
Variable Gain Low Noise Amplifier
DAML6280 DAICO-DAML6280 Datasheet
183Kb / 1P
Variable Gain Low Noise Amplifier
logo
Analog Devices
AD603 AD-AD603_05 Datasheet
605Kb / 20P
Low Noise, 90 MHz Variable Gain Amplifier
3/05-Rev. F to Rev. G
logo
United Monolithic Semic...
CHA2292 UMS-CHA2292_07 Datasheet
221Kb / 7P
16-24GHz Low Noise, Variable Gain Amplifier
CHA2294 UMS-CHA2294_07 Datasheet
181Kb / 6P
35-40GHz Low Noise, Variable Gain Amplifier
logo
Analog Devices
AD8335 AD-AD8335_15 Datasheet
900Kb / 28P
Quad Low Noise, Low Cost Variable Gain Amplifier
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com