Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8335 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8335
Description  Quad Low Noise, Low Cost Variable Gain Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8335 Datasheet(HTML) 3 Page - Analog Devices

  AD8335 Datasheet HTML 1Page - Analog Devices AD8335 Datasheet HTML 2Page - Analog Devices AD8335 Datasheet HTML 3Page - Analog Devices AD8335 Datasheet HTML 4Page - Analog Devices AD8335 Datasheet HTML 5Page - Analog Devices AD8335 Datasheet HTML 6Page - Analog Devices AD8335 Datasheet HTML 7Page - Analog Devices AD8335 Datasheet HTML 8Page - Analog Devices AD8335 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD8335
Rev. 0 | Page 3 of 24
SPECIFICATIONS
VS = 5 V, TA = 25°C, RL = 500 Ω, f = 5 MHz, CL = 10 pF, LO gain range (−10 dB to +38 dB), RFB = 249 Ω (PrA RIN = 50 Ω) and signal
voltage specified differential, per channel performance, dBm (50 Ω), unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
PrA CHARACTERISTICS
Gain
Single-ended input to differential output
18
dB
Single-ended input to single-ended output
12
dB
Input Voltage Range
PrA output limited to 5 V p-p differential
625
mV p-p
Input Resistance
RFB = 249 Ω
50
Ω
RFB = 374 Ω
75
Ω
RFB = 499 Ω
100
Ω
RFB = ∞, low frequency value into PIPx
14.7
kΩ
Input Capacitance
PIPx (Pins 2, 15, 18, 63)
1.5
pF
−3 dB Small Signal Bandwidth
With RFB = 249 Ω
110
MHz
Input Voltage Noise
RS = 0 Ω, RFB = ∞
1.15
nV/√Hz
Input Current Noise
2.4
pA/√Hz
Noise Figure
Active Termination Match
RS = RIN = 50 Ω, RFB = 249 Ω
7
dB
Unterminated
RS = 50 Ω, RFB = ∞
4.4
dB
PrA + VGA CHARACTERISTICS
−3 dB Small Signal Bandwidth
Unterminated: RS = 50 Ω, RFB = ∞
70
MHz
Matched: RS = RIN = 50 Ω
85
MHz
Slew Rate
LO gain, VGN = 3 V, VOUT = 2 V p-p
250
V/µs
HI gain, VGN = 3 V, VOUT = 2 V p-p
350
V/µs
Input Voltage Noise
Pins VGNx = 3 V, RS = 0 Ω, RFB = ∞
1.3
nV/√Hz
Noise Figure
Pins VGNx = 3 V, f = 1 MHz to 10 MHz
Active Termination Match
RS = RIN = 50 Ω
7
dB
RS = RIN = 100 Ω
4.5
dB
Unterminated
RS = 50 Ω, RFB = ∞
5.0
dB
RS = 500 Ω, RFB = ∞
1.3
dB
Output Referred Noise
LO gain; VGN < 2 V
33
nV/√Hz
HI gain; VGN < 2 V
80
nV/√Hz
Peak Output Voltage
Differential, RL ≥ 500 Ω
5
V p-p
Output Resistance
f < 1 MHz, Pins VOHx, VOLx
1.2
Ω
Common-Mode Level
Set to midsupply for PrA and VGA
VS/2
V
Output Offset Voltage
Differential (VOHx−VOLx) full gain range
−25
5
35
mV
Common-mode (VOHx−VCMx, VOLx−VCMx)
−20
0
20
mV
Harmonic Distortion
VOUT = 1 V p-p, LO gain, VGN = 2 V
HD2
f = 1 MHz
−69
dBc
HD3
f = 1 MHz
−57
dBc
HD2
f = 10 MHz
−57
dBc
HD3
f = 10 MHz
−55
dBc
Harmonic Distortion
VOUT = 1 V p-p, HI gain, VGN = 2 V
HD2
f = 1 MHz
−58
dBc
HD3
f = 1 MHz
−70
dBc
HD2
f = 10 MHz
−55
dBc
HD3
f = 10 MHz
−55
dBc
Output 1 dB Compression (OP1dB)
VGN = 3 V
18
dBm
VGN = 3 V
8
dBVpk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com