Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8335 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8335
Description  Quad Low Noise, Low Cost Variable Gain Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8335 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8335 Datasheet HTML 10Page - Analog Devices AD8335 Datasheet HTML 11Page - Analog Devices AD8335 Datasheet HTML 12Page - Analog Devices AD8335 Datasheet HTML 13Page - Analog Devices AD8335 Datasheet HTML 14Page - Analog Devices AD8335 Datasheet HTML 15Page - Analog Devices AD8335 Datasheet HTML 16Page - Analog Devices AD8335 Datasheet HTML 17Page - Analog Devices AD8335 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD8335
Rev. 0 | Page 14 of 24
100
90
10
0
1
µs
1V
Figure 45. VGA Overdrive Recovery, 40 mV to 500 mV Input, VGAIN = 2.5 V
FREQUENCY (Hz)
100k
10M
1M
100M
–70
–60
–50
–40
–30
–20
–10
0
–80
VGAIN = 2.5V
VGAIN = 0V
VGAIN = 0.5V
VGAIN = 1.5V
Figure 46. PSRR vs. Frequency (All Bypass Capacitors Removed)
60
65
70
75
80
85
90
95
–40
–20
0
20
40
60
80
100
TEMPERATURE (
°C)
VGAIN = 2.5V
Figure 47. Quiescent Supply Current vs. Temperature
100
90
0
500mV
2V
1
µs
10
Figure 48 HILO Response Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com