Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8335 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8335
Description  Quad Low Noise, Low Cost Variable Gain Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8335 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8335 Datasheet HTML 9Page - Analog Devices AD8335 Datasheet HTML 10Page - Analog Devices AD8335 Datasheet HTML 11Page - Analog Devices AD8335 Datasheet HTML 12Page - Analog Devices AD8335 Datasheet HTML 13Page - Analog Devices AD8335 Datasheet HTML 14Page - Analog Devices AD8335 Datasheet HTML 15Page - Analog Devices AD8335 Datasheet HTML 16Page - Analog Devices AD8335 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD8335
Rev. 0 | Page 13 of 24
100
90
10
0
10mV
50mV
10ns
Figure 39. Large Signal Pulse Response, LO Gain (See Figure 51)
TIME (ns)
–2
–1
0
1
2
0
1020
3040
50
6070
8090
100
VGAIN = 2V
CL = 47pF
CL = 22pF
CL = 10pF
INPUT
INPUT IS NOT TO SCALE
CL = 0pF
Figure 40. Large Signal Pulse Response for Various Capacitive Loads,
CL = 0 pF, 10 pF, 20 pF, 47 pF Each Output (See Figure 51)
100
90
10
0
400ns
2V
500mV
Figure 41. Gain Response, VGAIN Stepped from 0 V to3 V, VOUT = 2 V p-p
(See Figure 51)
100
90
10
0
100
µs
100mV
2V
Figure 42. Small Signal Enable Response (See Figure 51)
100
90
10
0
1V
2V
100
µs
Figure 43. Large Signal Enable Response (See Figure 51)
100
90
10
0
1
µs
1V
Figure 44. Preamp Overdrive Recovery,
50 mV p-p to 1.5 V p-p at Preamp Input (Measured at Preamp Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com