Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8335 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8335
Description  Quad Low Noise, Low Cost Variable Gain Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8335 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8335 Datasheet HTML 14Page - Analog Devices AD8335 Datasheet HTML 15Page - Analog Devices AD8335 Datasheet HTML 16Page - Analog Devices AD8335 Datasheet HTML 17Page - Analog Devices AD8335 Datasheet HTML 18Page - Analog Devices AD8335 Datasheet HTML 19Page - Analog Devices AD8335 Datasheet HTML 20Page - Analog Devices AD8335 Datasheet HTML 21Page - Analog Devices AD8335 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD8335
Rev. 0 | Page 18 of 24
Figure 56 shows the simulated noise figure (NF) vs. source
resistance, and various values of preamplifier RIN from 50 Ω, to
14.7 kΩ, the value seen looking into Pins PIPx when RFB = ∞. As
shown in the figure, the minimum NF for RIN = 50 Ω is slightly
less than 7 dB. Note that, for this preamplifier, the NF is
optimized for the RIN from 50 Ω to 200 Ω; for RFB = ∞, the
minimum NF is at approximately 480 Ω. This optimum noise
resistance can also be calculated by dividing the input referred
voltage noise by the current noise.
0
2
4
6
8
10
12
14
16
RS (Ω)
10
100
1k
RIN = 50Ω
RFB = 250Ω
RIN = 75Ω
RFB = 375Ω
RIN = 100Ω
RFB = 500Ω
RIN = 200Ω
RFB = 1kΩ
RIN = 14.7kΩ
RFB = ∞
SIMULATION
INCLUDES NOISE OF VGA
f = 1MHz
Figure 56. Simulated Noise Figure vs. RS for
Various Fixed Values of RIN, Actively Matched
VGA
As seen in Figure 54, the basic architecture, an X-AMPTM,
consists of a ladder attenuator, followed by a fixed-gain
amplifier with selectable input stages. Earlier examples of this
architecture are to be found in the AD60x series, AD8331/
AD8332, and AD8367 VGAs. Through a proprietary, tempera-
ture-compensated interpolator design, the bias currents to the
input gm stages are continuously steered from right to left
(decreasing attenuation) resulting in increasing gain.
The HILO (HL12 and HL34) gain pins select one of two output
amplifier networks consisting of the feedback resistors, amplifier
stages, and buffers.
Optimizing the System Dynamic Range
The VGA output gain switch of 8 dB (×2.5) optimizes the VGA
noise floor for a 10-bit or 12-bit ADC, assuming a full-scale ADC
input voltage of 1 V p-p.
At low gain the ADC SNR should limit the system noise per-
formance, while at high gains the noise is defined by the source
and preamplifier. The maximum voltage swing is bounded by
the full-scale peak-to-peak ADC input voltage (typically 1 V p-p
to 2 V p-p). The noise performance is optimized by adjusting
the noise floor of the VGA according to the ADC resolution.
The SNR of a 12-bit converter is theoretically 12 dB better than
a 10-bit; however, approximately 8 dB is typical in practice,
accounting for the 8 dB gain option of the AD8335. The IRN
and the power consumption of the VGA are unaffected by
either gain setting; therefore, only the output referred noise
(ORN) changes (by 8 dB) without affecting any other
parameters.
Attenuator
The attenuator is an 8-stage differential R-2R ladder with a total
attenuation of 48.16 dB – 6.02 dB per tap. The effective input
resistance per side is 320 Ω nominally for a total differential
resistance of 640 Ω. The common-mode voltage of the attenuator
and the VGA is controlled by an amplifier that uses the same
midsupply voltage derived in the preamplifier, permitting dc
coupling of the PrA to the VGA without introducing large
offsets due to common-mode differences. However, when dc
coupling between the PrA and VGA, any offset from the PrA
are amplified as the gain is increased, producing an exponentially
increasing VGA output offset. When the PrA and the VGA are
ac-coupled, the output offset is unchanged with changes in gain
(see Figure 15). As a result, ac coupling is recommended for
most applications. As can be seen from Figure 54, Pins VCMx
connect to the respective midpoints on each channel and are
used to ac decouple the common-mode node at high frequencies.
It is very important that at least a 0.1 µF capacitor be used, with
better decoupling at higher frequencies when another smaller
capacitor (10 nF) is connected in parallel. The internal +1 buffer
provides correct common-mode bias levels and any dynamic
currents have to be absorbed by the external decoupling
capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com