Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8335 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8335
Description  Quad Low Noise, Low Cost Variable Gain Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8335 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8335 Datasheet HTML 12Page - Analog Devices AD8335 Datasheet HTML 13Page - Analog Devices AD8335 Datasheet HTML 14Page - Analog Devices AD8335 Datasheet HTML 15Page - Analog Devices AD8335 Datasheet HTML 16Page - Analog Devices AD8335 Datasheet HTML 17Page - Analog Devices AD8335 Datasheet HTML 18Page - Analog Devices AD8335 Datasheet HTML 19Page - Analog Devices AD8335 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD8335
Rev. 0 | Page 16 of 24
THEORY OF OPERATION
Figure 54 is a simplified block diagram of a single channel. Each
channel consists of a low noise preamplifier (PrA) followed by a
VGA with a user-selectable gain of 20 dB or 28 dB. Channels are
enabled in pairs, Channels 1 and 2 and Channels 3 and 4. The
preamps are enabled by grounding Pins SPxx and powered
down by connecting them to the positive supply. The ENxx pins
are connected to the positive supply to enable the VGAs and the
overall channel. HILO configures VGA for a fixed gain of 20 dB
or 28 dB, with 0 V or 5 V applied to the HLxx pins, respectively.
Channels 1 and 2 share Pin HL12, and Channels 3 and 4 share
Pin HL34. The HLxx pins are typically hardwired to adjust the
VGA gain according to an ADC resolution of 12 bits for LO
gain and 10 bits for HI gain.
The signal path is fully differential throughout to maximize
signal swing and reduce even-order distortion; however, the
preamplifiers are designed to be driven from a single-ended
signal source. Gain values are referenced from the single-ended
PrA input to the differential output of either the PrA or the
VGA. Again referring to Figure 54, the system gain is
distributed as listed in Table 4.
Table 4. Channel Gain Distribution
Section
LO Nominal Gain
(dB)
HI Nominal Gain
(dB)
PrA
18.06
18.06
Attenuator
0 to −48.16
0 to −48.16
Output Amp
20
27.96
Aggregate
−10.1 to +38.6
−2.14 to +46.02
In the remainder of this document, the gain values are
rounded to −10 dB to +38 dB for LO gain mode and to
−2 dB to +46 dB for HI gain mode. If desired, Equation 1
can be used to calculate the gain at value of VGAIN:
ICPT
V
V
dB
dB
Gain
GN +
= 20
)
(
(1)
where ICPT = −16.1 dB for LO gain mode with the preamp
input matched to 50 Ω (RFB = 250 Ω) and −10.1 dB for the
unmatched input case. For HI gain mode, these numbers
are −8.1 dB and −2.1 dB, respectively.
Power consumption is 95 mW/channel from a 5 V supply,
or 380 mW for all four channels. Power is distributed 35%
for the PrA, and 65% for the remainder of the circuit. The
preamps can be shut down via the SP12 and SP34 pins if a
user wants to use the VGAs only. However, to avoid
feedthrough around the preamp, feedback resistors should
not be installed.
ENABLE SUMMARY
Table 5 summarizes the enable/shutdown logic and
resulting supply current.
Table 5. Control Pin Logic and Power Consumption
EN12
SP12
EN34
SP34
PrA12
VGA12
PrA34
VGA34
IS
H
L
H
L
On
On
On
On
76 mA
H
H
H
H
Off
On
Off
On
52 mA
L
L
L
L
Off
Off
Off
Off
0.8 mA
L
H
L
H
Off
Off
Off
Off
0.8 mA
+1
+1
+1
+1
PrA
18dB
HILO
+1
INTERPOLATOR
ATTENx
–48dB TO 0dB
GAIN INTERFACE
+1
BIAS
OUTPUT AMP
20dB TO 28dB
VOHx
VOLx
HLxx
SLxx
VGNx
VCMx
VIPx
POPx
ENxx
PMDx
PIPx
PONx
VINx
RFB
RS
Figure 54. Simplified Block Diagram of Single Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com