Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8335 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8335
Description  Quad Low Noise, Low Cost Variable Gain Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8335 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8335 Datasheet HTML 8Page - Analog Devices AD8335 Datasheet HTML 9Page - Analog Devices AD8335 Datasheet HTML 10Page - Analog Devices AD8335 Datasheet HTML 11Page - Analog Devices AD8335 Datasheet HTML 12Page - Analog Devices AD8335 Datasheet HTML 13Page - Analog Devices AD8335 Datasheet HTML 14Page - Analog Devices AD8335 Datasheet HTML 15Page - Analog Devices AD8335 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD8335
Rev. 0 | Page 12 of 24
–70
–65
–60
–55
–50
–45
–40
–35
1.0
1.5
0
0.5
2.0
2.5
3.0
VGAIN (V)
f = 1MHz
2V p-p
1V p-p
0.5V p-p
Figure 33. HD2 vs. VGAIN at Three Output Voltages, HI Gain, f = 1 MHz
(See Figure 53)
–90
–80
–70
–60
–50
–40
–30
–20
0.5
1.0
1.5
2.0
2.5
3.0
VGAIN (V)
f = 1MHz
2V p-p
1V p-p
0.5V p-p
0
Figure 34. HD3 vs. VGAIN at Three Output Voltages, HI Gain (See Figure 53)
FREQUENCY (MHz)
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1
10
100
IMD3 (HI)
IMD3 (LO)
VOUT = 1V p-p
VGAIN = 3V
Figure 35. IMD3 vs. Frequency
0
5
10
15
20
25
30
35
40
1.0
1.5
0
0.5
2.0
2.5
3.0
VGAIN (V)
5MHz (LO)
5MHz (HI)
VOUT = 1Vp-p
Figure 36. Output Referred IP3 (OIP3) vs. VGAIN
–30
–25
–20
–15
–10
–5
0
5
1.0
1.5
0
0.5
2.0
2.5
3.0
VGAIN (V)
HILO = HI
HILO = LO
f = 10MHz
Figure 37. Input P1dB (IP1dB) vs. VGAIN
100
90
10
0
10mV
50mV
10ns
Figure 38. Small Signal Pulse Response, LO Gain (See Figure 51)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com